| データシートサーチシステム |
|
SPMCK16Z4MPV20 データシート(PDF) 388 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 データシート(HTML) 388 Page - Freescale Semiconductor, Inc |
|
388 / 500 page ![]() REGISTER SUMMARY M68HC16 Z SERIES D-14 USER’S MANUAL PIV[7:0] — Periodic Interrupt Vector This field specifies the periodic interrupt vector number supplied by the SIM when the CPU16 acknowledges an interrupt request. D.2.14 Periodic Interrupt Timer Register Contains the count value for the periodic timer. This register can be read or written at any time. PTP — Periodic Timer Prescaler 0 = Periodic timer clock not prescaled. 1 = Periodic timer clock prescaled by a value of 512. PITM[7:0] — Periodic Interrupt Timing Modulus This field determines the periodic interrupt rate. Use the following equations to calcu- late timer period. The following equation calculates the PIT period when a slow reference frequency is used: The following equation calculates the PIT period when a fast reference frequency is used: The following equation calculates the PIT period for an externally input clock frequen- cy on both slow and fast reference frequency devices. PITR — Periodic Interrupt Timer Register $YFFA24 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 PTP PITM[7:0] RESET: 0 0 0 0 0 0 0 MODCLK 0 0 0 0 0 0 0 0 PIT Period PITM[7:0] () 1 if PTP = 0, 512 if PTP = 1 () 4 () f ref --------------------------------------------------------------------------------------------------------------------- = PIT Period 128 () PITM[7:0] () 1 if PTP = 0, 512 if PTP = 1 () 4 () f ref ------------------------------------------------------------------------------------------------------------------------------------ = PIT Period PITM[7:0] () 1 if PTP = 0, 512 if PTP = 1 () 4 () f sys --------------------------------------------------------------------------------------------------------------------- = Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |