| データシートサーチシステム |
|
SPMCK16Z4MPV20 データシート(PDF) 464 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 データシート(HTML) 464 Page - Freescale Semiconductor, Inc |
|
464 / 500 page ![]() INITIALIZATION AND PROGRAMMING EXAMPLES M68HC16 Z SERIES E-12 USER’S MANUAL STD RAMBAL ; store low ram array CLR RAMMCR ; enable ram LDAB #$01 TBSK ; set SK to bank 1 for system stack LDS #$03FE ; put SP at top of 1k internal SRAM E.1.6 INITSCI.ASM * Title : INITSCI * Description : Initialize the SCI to transmit and receive * at 9600 baud. * ************************************************************************* INITSCI: ;initialize the SCI LDD #$0037 STD SCCR0 ;set the SCI baud rate to 9600 baud LDD #$000C STD SCCR1 ;enable the SCI receiver and transmitter E.2 Programming Examples The following programming examples use different M68HC16 Z-series modules. All programs were written to run on the M68HC16Z1EVB evaluation board. Refer to the M68HC16Z1EVB Evaluation Board User’s Manual (M68HC16Z1EVB/D) for further in- formation. NOTE These programs will also work on the modular evaluation board (MEVB) using a microcontroller personality board for the appropriate Z-series derivative. See APPENDIX C DEVELOPMENT SUPPORT for more information on the MEVB. Several of these programs send status messages using the SCI in the QSM on the MC68HC16Z1, MC68CK16Z1, MC68CM16Z1, MC68HC16Z2, and MC68HC16Z3. These programs can be made to function with SCIA in the MCCI on the MC68HC16Z4 and MC68CKZ4 as follows: • Replace SCCR0 with SCCR0A. • Replace SCCR1 with SCCR1A. • Replace SCSR with SCSRA. • Replace SCDR with SCDRA. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |