| データシートサーチシステム |
|
FS401 データシート(PDF) 50 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS401 データシート(HTML) 50 Page - List of Unclassifed Manufacturers |
|
50 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 50 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 4.5.23 Flicker Filter Coefficient Flicker Filter Coefficient Low (2C) 7 6 5 4 3 2 1 0 0 0 0 FLK4 FLK3 FLK2 FLK1 FLK0 Flicker Filter Coefficient High (2D) 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 Register Bit# Bit Name Description 2D, 2C 4-0 FLK4-0 Flicker Filter Coefficient bits [4:0] The Flicker Filter Coefficient combines with the Sharpness Coefficient to provide a wide range of edge enhancement and detail vs. flicker. The Flicker Filter Coefficient controls the width and height of the edge enhancement (impulse function). Flicker Filter has an implicit denominator of 16. Range: {0:[21]} Filter Coefficients: FLK/64, 1-FLK/32, FLK/64 Example: FLK = 10 hex; 16 decimal; for a ¼, ½, ¼, three line average flicker filter. FLK = 0 hex; 0 decimal; for 0, 1, 0, no flicker filter. Note: If FLK is set to a value greater than 21, then the weight factor applied to the lines above and below the current line are greater than the current line creating a double line effect. Therefore, values > 21 are not recommended as they will create visual artifacts, but the FS400 does not prohibit these settings. |