| データシートサーチシステム |
|
M68SC302ADS データシート(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68SC302ADS データシート(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 8 page ![]() MC68SC302 PRODUCT INFORMATION MC68SC302 APPLICATION DEVELOPMENT SYSTEM The MC68SC302 Application Development System (ADS) is a platform for developing a passive terminal adaptor using the MC68SC302. In addition to being an ISA half-card form factor plug-in card, the MC68SC302 can also be plugged into a PC card slot for development of PC card applications. The board includes both an MC145572 U interface transceiver and an MC145574 S/T interface transceiver along with the associated line interface circuitry. A 128-pin expansion connector is onboard for customer specific circuits such as a POTs interface or a modem datapump. Logic analyzer connectors provide convenient access to ISA and PCMCIA bus signals. Figure 6 shows the ADS block diagram. Figure 6. ADS Block Diagram MC68SC302 2 WIRE U INTERFACE 4 WIRE S/T INTERFACE FREESCALE MC145574 S/T INTERFACE, LOGIC ANALYZER CONNECTORS FREESCALE MC145572 U INTERFACE IDL/GCI SCP 128-PIN EXPANSION CONNECTOR CIS/PnP EEPROM X25080 SOCKET SCP ISA BUS CONNECTOR PCMCIA BUS CONNECTOR CIS/PnP EEPROM ST95020 SOCKET CIS/PnP EEPROM 93C46 SOCKET Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |