| データシートサーチシステム |
|
MIK2152 データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MIK2152 データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 17 page ![]() Confidential MIKTAM Technologies, Inc. MIK2152 Preliminary Specification (Rev. 1.4) 7 1.4 Terminal Assignment 1.5 Terminal Functions TERMINAL NAME NUMBER TYPE DESCRIPTION CVBSA/Y 1 Analog Input Analog input. Connect to the video analog input via 0.1- µF capacitor. The maximum input range is 0-1.2 VPP, and may require an attenuator to reduce the input amplitude to the desire level. If not used, connect to AGND via 0.1- µF capacitor. CVBSB/C 2 Analog Input Analog input. Connect to the video analog input via 0.1- µF capacitor. The maximum input range is 0-1.2 VPP, and may require an attenuator to reduce the input amplitude to the desire level. If not used, connect to AGND via 0.1- µF Pin #1: CVBSA/Y Pin #2: CVBSB/C Pin #3: AGND Pin #4: PLL_AVDD Pin #5: XTAL1 Pin #6: XTAL2 Pin #7: PLL_AGND Pin #8: RESETB Pin #9: PCLK/SCLK Pin #10: IO_DVDD Pin #11: YOUT(7)/I2CSEL Pin #12: YOUT(6) Pin #13: YOUT(5) Pin #14: YOUT(4) Pin #15: YOUT(3) Pin #16: YOUT(2) Pin #17: YOUT(1) Pin #18: YOUT(0) Pin #19: DGND Pin #20: DVDD Pin #21: SCL Pin #22: SDA Pin #23: FID/GLCO Pin #24: VSYNC/PAL1 Pin #25: HSYNC Pin #26: AVID Pin #27: INTREQ/GPCL/ VBLK Pin #28: PDN Pin #29: REFP Pin #30: REFM Pin #31: CH_AGND Pin #32: CH_AVDD |