| データシートサーチシステム |
|
ECEC2DC331CB データシート(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECEC2DC331CB データシート(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 4 page ![]() Aluminum Electrolytic Capacitors/MC — EE168 — Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. 400 n (A) (mm) (V) (µF) (pcs) (mm) 6.3mm 4.0mm Terminal Length Terminal Length Specification Dia. Case size Cap. (±20%) W.V. Ripple current (120Hz) (+105 °C) Standard Products Min.PackagingQ'ty (Standard Terminals) Part No. Length 390 30 35 1.30 0.15 ECES2EC391DB ECEC2EC391DB 100 35 30 1.30 0.15 ECES2EC391EB ECEC2EC391EB 100 470 25 50 1.40 0.15 ECES2EC471CB ECEC2EC471CB 200 30 40 1.40 0.15 ECES2EC471DB ECEC2EC471DB 100 35 30 1.40 0.15 ECES2EC471EB ECEC2EC471EB 100 250 560 30 45 1.50 0.15 ECES2EC561DB ECEC2EC561DB 100 35 35 1.50 0.15 ECES2EC561EB ECEC2EC561EB 100 680 30 50 1.70 0.15 ECES2EC681DB ECEC2EC681DB 100 35 40 1.70 0.15 ECES2EC681EB ECEC2EC681EB 100 820 35 45 2.00 0.15 ECES2EC821EB ECEC2EC821EB 100 1000 35 50 2.20 0.15 ECES2EC102EB ECEC2EC102EB 100 47 22 25 0.47 0.15 ECES2GC470BB ECEC2GC470BB 200 56 22 30 0.51 0.15 ECES2GC560BB ECEC2GC560BB 200 25 25 0.51 0.15 ECES2GC560CB ECEC2GC560CB 200 68 22 35 0.56 0.15 ECES2GC680BB ECEC2GC680BB 200 25 30 0.56 0.15 ECES2GC680CB ECEC2GC680CB 200 82 22 40 0.64 0.15 ECES2GC820BB ECEC2GC820BB 200 25 30 0.64 0.15 ECES2GC820CB ECEC2GC820CB 200 30 25 0.64 0.15 ECES2GC820DB ECEC2GC820DB 100 100 22 45 0.69 0.15 ECES2GC101BB ECEC2GC101BB 200 25 35 0.69 0.15 ECES2GC101CB ECEC2GC101CB 200 30 30 0.69 0.15 ECES2GC101DB ECEC2GC101DB 100 120 22 50 0.75 0.15 ECES2GC121BB ECEC2GC121BB 200 25 40 0.75 0.15 ECES2GC121CB ECEC2GC121CB 200 30 30 0.75 0.15 ECES2GC121DB ECEC2GC121DB 100 150 25 45 0.82 0.15 ECES2GC151CB ECEC2GC151CB 200 30 35 0.82 0.15 ECES2GC151DB ECEC2GC151DB 100 35 30 0.82 0.15 ECES2GC151EB ECEC2GC151EB 100 180 25 50 0.90 0.15 ECES2GC181CB ECEC2GC181CB 200 30 40 0.90 0.15 ECES2GC181DB ECEC2GC181DB 100 35 30 0.90 0.15 ECES2GC181EB ECEC2GC181EB 100 220 30 45 1.00 0.15 ECES2GC221DB ECEC2GC221DB 100 35 35 1.00 0.15 ECES2GC221EB ECEC2GC221EB 100 270 30 50 1.10 0.15 ECES2GC271DB ECEC2GC271DB 100 35 40 1.10 0.15 ECES2GC271EB ECEC2GC271EB 100 330 35 45 1.20 0.15 ECES2GC331EB ECEC2GC331EB 100 390 35 50 1.30 0.15 ECES2GC391EB ECEC2GC391EB 100 39 22 25 0.37 0.15 ECES2WC390BB ECEC2WC390BB 200 47 22 30 0.40 0.15 ECES2WC470BB ECEC2WC470BB 200 450 25 25 0.40 0.15 ECES2WC470CB ECEC2WC470CB 200 56 22 35 0.47 0.15 ECES2WC560BB ECEC2WC560BB 200 25 30 0.47 0.15 ECES2WC560CB ECEC2WC560CB 200 Endurance : 105 °C 2000h Terminal Pitch : 10mm When capacitors of φ35xφ45L are mounted on PWB, reinforce them with mounting clamp or adhesives.(Avoid using adhesives including halogenated compositions.) (Without P.V.C.plate) (Without P.V.C.plate) tan δ (120Hz) (+20 °C) Mar. 2005 |