| データシートサーチシステム |
|
ECOG2DP183D データシート(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOG2DP183D データシート(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 3 page ![]() Aluminium Electrolytic Capacitors/GUP Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. – EE188 – D.F. (120Hz) (+20 °C) 160 250 (mm) (V) (µF) (A) (mm) (mm) Terminal Part No. Specification Dia. Length Case size Cap. (±20%) W.V. Ripple current (120Hz) (+85 °C) Pitch n Standard Products Yes No ( ):Mounting Clamp Endurance : 160 to 250V.W. : 85 °C 2000 h 350 to 450V.W. : 85 °C 5000 h 12000 64 103 15.9 0.25 28.6 ECOG2CP123D( ) N F 15000 64 125 17.2 0.25 28.6 ECOG2CP153D( ) N F 18000 64 145 19.4 0.25 28.6 ECOG2CP183D( ) N F 22000 64 168 21.3 0.25 28.6 ECOG2CP223D( ) N F 77 125 21.3 0.25 31.8 ECOG2CP223E( ) N F 27000 64 222 22.4 0.25 28.6 ECOG2CP273D( ) N F 77 150 22.4 0.25 31.8 ECOG2CP273E( ) N F 33000 77 168 23.7 0.25 31.8 ECOG2CP333E( ) N F 90 150 25.0 0.30 31.8 ECOG2CP333F( ) N F 39000 77 190 25.7 0.25 31.8 ECOG2CP393E( ) N F 90 168 25.7 0.30 31.8 ECOG2CP393F( ) N F 47000 77 222 28.2 0.25 31.8 ECOG2CP473E( ) N F 90 190 28.2 0.30 31.8 ECOG2CP473F( ) N F 56000 90 222 30.7 0.30 31.8 ECOG2CP563F( ) N F 10000 64 103 14.7 0.25 28.6 ECOG2DP103D( ) N F 12000 64 125 15.8 0.25 28.6 ECOG2DP123D( ) N F 15000 64 145 18.1 0.25 28.6 ECOG2DP153D( ) N F 18000 64 168 19.8 0.25 28.6 ECOG2DP183D( ) N F 77 125 19.8 0.25 31.8 ECOG2DP183E( ) N F 22000 64 222 22.0 0.25 28.6 ECOG2DP223D( ) N F 200 77 150 22.0 0.25 31.8 ECOG2DP223E( ) N F 27000 77 168 23.0 0.25 31.8 ECOG2DP273E( ) N F 90 150 23.0 0.30 31.8 ECOG2DP273F( ) N F 33000 77 222 25.4 0.25 31.8 ECOG2DP333E( ) N F 90 168 25.4 0.30 31.8 ECOG2DP333F( ) N F 39000 90 190 27.6 0.30 31.8 ECOG2DP393F( ) N F 47000 90 222 30.3 0.30 31.8 ECOG2DP473F( ) N F 8200 64 125 12.8 0.25 28.6 ECOG2EP822D( ) N F 10000 64 145 14.7 0.25 28.6 ECOG2EP103D( ) N F 12000 64 168 16.6 0.25 28.6 ECOG2EP123D( ) N F 77 125 16.6 0.25 31.8 ECOG2EP123E( ) N F 15000 64 222 19.0 0.25 28.6 ECOG2EP153D( ) N F 77 150 19.0 0.25 31.8 ECOG2EP153E( ) N F 18000 77 190 19.7 0.25 31.8 ECOG2EP183E( ) N F 90 150 19.7 0.30 31.8 ECOG2EP183F( ) N F 22000 77 222 21.8 0.25 31.8 ECOG2EP223E( ) N F 90 168 21.7 0.30 31.8 ECOG2EP223F( ) N F 27000 90 190 24.0 0.30 31.8 ECOG2EP273F( ) N F 33000 90 222 26.5 0.30 31.8 ECOG2EP333F( ) N F 3900 64 103 10.3 0.20 28.6 ECOG2VP392D( ) N F 350 4700 64 125 12.1 0.20 28.6 ECOG2VP472D( ) N F 5600 64 145 14.3 0.20 28.6 ECOG2VP562D( ) N F Mar. 2005 |