データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B41889 データシート(PDF) 2 Page - EPCOS

部品番号 B41889
部品情報  Single-ended capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B41889 データシート(HTML) 2 Page - EPCOS

  B41889_08 Datasheet HTML 1Page - EPCOS B41889_08 Datasheet HTML 2Page - EPCOS B41889_08 Datasheet HTML 3Page - EPCOS B41889_08 Datasheet HTML 4Page - EPCOS B41889_08 Datasheet HTML 5Page - EPCOS B41889_08 Datasheet HTML 6Page - EPCOS B41889_08 Datasheet HTML 7Page - EPCOS B41889_08 Datasheet HTML 8Page - EPCOS B41889_08 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
General-purpose grade capacitors
Applications
For use in output circuits of switch-mode power supplies of
compact design
For professional industrial electronics, telecommunications
and data processing equipment
Features
Very low impedance at high frequency
Very low equivalent series resistance ESR
High ripple current capability
RoHS-compatible
Construction
Radial leads
Charge-discharge proof, polar
Aluminum case with insulating sleeve
Minus pole marking on the insulating sleeve
Delivery mode
Terminal configurations and packing:
Bulk
Taped, Ammo pack
Cut
Kinked
PAPR (protection against polarity reversal): J leads
Refer to chapter "Single-ended capacitors
Taping, packing
and lead configurations" for further details and ordering
example.
Single-ended capacitors
B41889
Very low impedance
105
°C
Page 2 of 25
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25