データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B43255 データシート(PDF) 3 Page - EPCOS

部品番号 B43255
部品情報  Alu-X product lines Snap-in capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B43255 データシート(HTML) 3 Page - EPCOS

  B43255 Datasheet HTML 1Page - EPCOS B43255 Datasheet HTML 2Page - EPCOS B43255 Datasheet HTML 3Page - EPCOS B43255 Datasheet HTML 4Page - EPCOS B43255 Datasheet HTML 5Page - EPCOS B43255 Datasheet HTML 6Page - EPCOS B43255 Datasheet HTML 7Page - EPCOS B43255 Datasheet HTML 8Page - EPCOS B43255 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Snap-in capacitors
B43255
Long life – 105
°C
3
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing
* = Shorter terminal (4.0
± 0.5) is also available upon request.
KAL1095-Q-E
Mounting
holes
Minus pole marking
0.8±0.1
0.8±0.1
1.5±0.1
10±0.2
ø2±0.1
Safety vent
on the base
Base
Insulating
sleeve
AEC-C_B43255.book Seite 3 Mittwoch, 16. April 2008 1:56 13



Html Pages

1 2 3 4 5 6 7 8 9