| データシートサーチシステム |
|
M1510-S-40-R5725-HC データシート(PDF) 2 Page - GSI Group, Inc. |
|
|
|||||||||||||||||||||||||||||
M1510-S-40-R5725-HC データシート(HTML) 2 Page - GSI Group, Inc. |
|
2 / 9 page ![]() Page 2 of 9 Optional software lets you view signal strength, Lissajous plots, position data and diagnostics. SmartPrecision™ Alignment Tool - SSAT 1500 Provides fast set up; the built-in LED indicators make alignment fast and easy, eliminating the need for an oscilloscope. The RS232 Interface Adapter provides power to the encoder and connections to a PC. This is included with the Alignment Tool. SmartPrecision™ Software Encoder Sensor Same for linear and rotary scales. Controller Interface Cable Optional Software M1500H Encoder System Standard Equipment M1500H RS-422 compatible 5 x 2 header Micro-connector M1500S Encoder System Standard Equipment System Configurations Standard and Optional Equipment M1500S RS-422 compliant 15 pin standard D-sub connector |