| データシートサーチシステム |
|
BA6254FS データシート(PDF) 3 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6254FS データシート(HTML) 3 Page - Rohm |
|
3 / 4 page ![]() 811 Motor driver ICs BA6254FS FElectrical characteristics (unless otherwise noted, Ta = 25_C) FOperation notes Observe the following points when using this IC. (1) Package power dissipation The power dissipated by the IC varies widely with the ap- plied voltage and output current. Give full consideration to the package power dissipation rating when setting the supply voltage and the output cur- rent. (2) A.S.O. Make sure that the output current and supply voltage do not exceed the A.S.O. values. (3) Great care has been paid to the quality of this com- ponent. However, if the absolute maximum ratings for temperature, applied voltage, or power dissipation are exceeded, the IC may be destroyed. If the IC is de- stroyed, it is not possible to predict whether it will be in short mode or open mode, so if there is a chance that the maximum ratings of the IC will be exceeded, use ap- propriate physical protective measures (fuses etc.). FElectrical characteristics curves |