データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RN5RT データシート(PDF) 4 Page - RICOH electronics devices division

部品番号 RN5RT
部品情報  LOW DROPOUT VOLTAGE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICOH [RICOH electronics devices division]
ホームページ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RT データシート(HTML) 4 Page - RICOH electronics devices division

  RN5RT Datasheet HTML 1Page - RICOH electronics devices division RN5RT Datasheet HTML 2Page - RICOH electronics devices division RN5RT Datasheet HTML 3Page - RICOH electronics devices division RN5RT Datasheet HTML 4Page - RICOH electronics devices division RN5RT Datasheet HTML 5Page - RICOH electronics devices division RN5RT Datasheet HTML 6Page - RICOH electronics devices division RN5RT Datasheet HTML 7Page - RICOH electronics devices division RN5RT Datasheet HTML 8Page - RICOH electronics devices division RN5RT Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RN5RT
3
PIN CONFIGURATION
PIN DESCRIPTION
• SOT-23-5
12
3
54
(mark side)
Pin No.
Symbol
Description
1
GND
Ground Pin
2VDD
Input Pin
3VOUT
Output Pin
4
NC
No Connection
5
CE
Chip Enable Pin
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under
any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation
above these absolute maximum ratings may cause degradation or permanent damage to the device. These
are stress ratings only and do not necessarily imply functional operation below these limits.
Symbol
Item
Ratings
Unit
VIN
Input Voltage
9
V
VCE
Input Voltage (CE Pin)
–0.3 to VIN +0.3
V
VOUT
Output Voltage
–0.3 to VIN +0.3
V
IOUT
Output Current
150
mA
PD
Power Dissipation
150
mW
Topt
Operating Temperature
–40 to +85
˚C
Tstg
Storage Temperature
–55 to +125
˚C
Tsolder
Lead Temperature (Soldering)
260˚C, 10s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com