| データシートサーチシステム |
|
SA9103C データシート(PDF) 10 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA9103C データシート(HTML) 10 Page - Sames |
|
10 / 16 page ![]() SA9103C sames 10/16 8. Calibration For the calibration of the SA9103C, the following procedure is recommended: a. Establish calibration factor for active energy (Ka) at pf close to 1. Active (Measured) = register_value (Active) * Ka. 1 b. The factor for reactive (Kr) is typically Ka * PI/2. For higher accuracy of Kr, establish Kr at pf close to 0. Reactive (Measured) = register_value (Reactive) * Kr 2 c. At pf close to 1, establish error for reactive (Er) Er = (Reactive (Measured) - Reactive (True)) / Active (Measured) 3 Reactive (Corrected) = Reactive (Measured) - Er * Active (Measured) 3b Measurement Having determined the scaling factors (Ka & Kr) and error correction constant (Er) the measurement cycle consists of the following steps: step 1 Read active register step 2 Calculate Active (Measured) as per 1 Active energy step 3 Read reactive register step 4 Calculate Reactive (Measured) as per 2 step 5 Perform error correction Calculate Reactive (Corrected) as per 3b Reactive energy The above five steps must be performed for each measurement cycle. ∨∨∨∨∨ ∨∨∨∨∨ ∨∨∨∨∨ ∨∨∨∨∨ ⇒ ⇒ ⇒ ⇒ ⇒ ⇒ ⇒ ⇒ ⇒ ⇒ |