データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA9602MSA データシート(PDF) 2 Page - Sames

部品番号 SA9602MSA
部品情報  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMES [Sames]
ホームページ  http://www.sames.co.za
Logo SAMES - Sames

SA9602MSA データシート(HTML) 2 Page - Sames

  SA9602MSA Datasheet HTML 1Page - Sames SA9602MSA Datasheet HTML 2Page - Sames SA9602MSA Datasheet HTML 3Page - Sames SA9602MSA Datasheet HTML 4Page - Sames SA9602MSA Datasheet HTML 5Page - Sames SA9602MSA Datasheet HTML 6Page - Sames SA9602MSA Datasheet HTML 7Page - Sames SA9602MSA Datasheet HTML 8Page - Sames SA9602MSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SA9602M
2/16
sames
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD -VSS
-0.3
6.0
V
Current on any pin
I
PIN
-150
+150
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-25
+85
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
DIGITAL
SIGNAL
PRO-
CESSING
OS C I L L AT O R
OSC1
D R -01333
OSC2
DIRO
DIRI
ANALOG
SIGNAL
PRO-
CESSING
VDD
GN D
VREF
II N
II P
IVN
TEST
VSS
R1
R0
MPW
MD
PROG.
MOTOR
DRIVER
MP0 MP1
MOTOR
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16