データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0432550113 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0432550113
部品情報  6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 2 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX5 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0432550113 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0432550113 Datasheet HTML 1Page - Molex Electronics Ltd. 0432550113 Datasheet HTML 2Page - Molex Electronics Ltd. 0432550113 Datasheet HTML 3Page - Molex Electronics Ltd. 0432550113 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0432550113
Status:
Active
Overview:
mlx
Description:
6.35mm (.250") Pitch MLX™ Power Connector Header, Vertical, with Plastic Polarizing
Peg, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, Natural (Nylon Off
White)
Documents:
3D Model
Product Specification PSX-42002-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
43255
Application
Wire-to-Board
Comments
High Vibration Application
Overview
mlx
Product Name
MLX™
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Natural
Durability (mating cycles max)
50
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Mated Height (in)
1.195 In
Mated Height (mm)
30.35 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.169 In
PC Tail Length (mm)
4.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.250 In
Pitch - Mating Interface (mm)
6.35 mm
Pitch - Term. Interface (in)
0.250 In
Pitch - Term. Interface (mm)
6.35 mm
Plating min: Mating (µin)
140
Plating min: Mating (µm)
3.5
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43255Series
Mates With
42021 MLX™ Power Crimp Housing Plug.
42024 MLX Crimp Terminal


同様の部品番号 - 0432550113

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0432550113 MOLEX1-0432550113 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0432550113 MOLEX1-0432550113_18 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
More results

同様の説明 - 0432550113

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0432550099 MOLEX5-0432550099 Datasheet
285Kb / 4P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 12 Circuits
0432550059 MOLEX5-0432550059 Datasheet
285Kb / 4P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 2 Circuits
0432550161 MOLEX5-0432550161 Datasheet
106Kb / 3P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 15 Circuits
0432550145 MOLEX5-0432550145 Datasheet
285Kb / 4P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 9 Circuits
0432550121 MOLEX5-0432550121 Datasheet
291Kb / 4P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 3 Circuits
0432550153 MOLEX5-0432550153 Datasheet
285Kb / 4P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 12 Circuits
0432550107 MOLEX5-0432550107 Datasheet
106Kb / 3P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 17 Circuits
0432550075 MOLEX5-0432550075 Datasheet
285Kb / 4P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 4 Circuits
0432550129 MOLEX5-0432550129 Datasheet
99Kb / 3P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 4 Circuits
0432550083 MOLEX5-0432550083 Datasheet
285Kb / 4P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 6 Circuits
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com