| データシートサーチシステム |
|
S5F429PX02-LAB0 データシート(PDF) 8 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S5F429PX02-LAB0 データシート(HTML) 8 Page - Samsung semiconductor |
|
8 / 18 page ![]() S5F429PX02 1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA 8 EQUIVALENT CIRCUIT PARAMETERS Table 6. Equivalent Circuit Parameters Item Symbol Typ. Unit Remark Capacitance between vertical transfer clock and GND CΦV1, CΦV3 680 pF CΦV2, CΦV4 820 pF Capacitance between vertical transfer clocks CΦV12, CΦV34 180 pF CΦV23, CΦV41 180 pF CΦV13 60 pF CΦV24 60 pF Capacitance between horizontal transfer clock and GND CΦH1, CΦH2 30 pF Capacitance between horizontal transfer clocks CΦH12 30 pF Capacitance between substrate clock and GND CΦSUB 180 pF Vertical transfer clock serial resistor RΦV1 ~ RΦV4 40 Ω Vertical transfer clock ground resistor RΦVGND 15 Ω Horizontal transfer clock serial resistor RΦH1, RΦH2 10 Ω Reset gate clock serial resistor RΦRG 100 Ω R¥ÕH1 R¥ÕH2 C¥ÕH12 C¥ÕH1 C¥ÕH2 C¥ÕV23 C¥ÕV41 C¥ÕV12 C¥ÕV34 C¥ÕV4 C¥ÕV1 C¥ÕV2 C¥ÕV3 R¥ÕV4 R¥ÕV2 R¥ÕV3 R¥ÕVGND ¥ÕV3 ¥ÕV4 ¥ÕV2 ¥ÕH1 ¥ÕH2 ¥ÕV1 R¥ÕV1 C¥ÕV24 C¥ÕV13 |