データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S5T8809X01-R0B0 データシート(PDF) 12 Page - Samsung semiconductor

部品番号 S5T8809X01-R0B0
部品情報  PLL FREQUENCY SYNTHESIZER FOR PAGER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8809X01-R0B0 データシート(HTML) 12 Page - Samsung semiconductor

Back Button S5T8809X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 13Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
S5T8809
PLL FREQUENCY SYNTHESIZER FOR PAGE
12
FAST LOCK
The Fast lock can gives faster Acquisition time when the S5T8809 starts up. If Fast Lock signal was generated one
time, this circuitry do not operate again even though PLL goes into unlock state.
S5T8809 has two did of Fast lock; one is to control the Loop band width of Loop filter, the other is to control the
charge pump current.
Mode 1
Mode 2
• CP1: Default charge pump output TR
• CP2: When FLC = High, CP2 goes [On] state, the
Timming & Phase is just same as FL signal
• Mode 1 does not used FL pin, only increase PDO
output current same as the width of 1’st phase error
• Exceeding a Loop Band width during Fast Lock
operation
• When the FLC pin set to High level, this function will be
available
Phase
Det.
PDO
Charge
Pump
VCO
Fast
Lock
CP1
CP2
FL Ref. clock
* During CP2 operation,
I pdo = I cp1 + I cp2
Phae
Detector
PDO
Charge
Pump
Fast
Lock
FL Ref. clock
VCO
FL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14