| データシートサーチシステム |
|
S6B0708 データシート(PDF) 11 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S6B0708 データシート(HTML) 11 Page - Samsung semiconductor |
|
11 / 29 page ![]() 64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD S6B0708 11 BUSY FLAG Busy flag indicates whether S6B0708 is operating or not. When it is high, S6B0708 is in internal operation. When it is low, S6B0708 can accept the data or instruction. DB7 indicates busy flag of the S6B0708. E Busy Flag TBUSY < 4 / fos c Figure 1. Busy Timing DISPLAY TIMING GENERATOR CIRCUIT This section explains how the timing generation circuit operates. • Signal generation to display start line counter and display data latch circuit. • The display clock (CLK2) generates a clock to the line counter. The display start line address of the display RAM is synchronized with the display clock. 128-bit display data is latched by the display data latch circuit in synchronization with the display clock and output to the segment LCD drive output pin. • LCD AC signal (M) generation. |