データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0681830002 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0681830002
部品情報  6.25 mm (.246") Pitch, 24 Pin DVI Single Link Digital Plug, Receiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX8 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0681830002 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0681830002 Datasheet HTML 1Page - Molex Electronics Ltd. 0681830002 Datasheet HTML 2Page - Molex Electronics Ltd. 0681830002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0681830002
Status:
Active
Description:
6.25 mm (.246") Pitch, 24 Pin DVI Single Link Digital Plug, Receiver
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-68183-001 (PDF)
General
Product Family
I/O Connectors
Series
68183
Application
Wire-to-Board
Component Type
Plug, Receiver
Product Name
N/A
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
24
Circuits (maximum)
24
Durability (mating cycles max)
200
Gender
Plug
Keying to Mating Part
None
Lock to Mating Part
No
Material - Plating Mating
Gold
Number of Rows
3
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.246 In
Pitch - Mating Interface (mm)
6.25 mm
Pitch - Term. Interface (in)
0.246 In
Pitch - Term. Interface (mm)
6.25 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
0°C to +50°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
0.32A
Grounding to Panel
Yes
Shielded
No
Voltage - Maximum
5.5V
Material Info
Reference - Drawing Numbers
Product Specification
PS-68183-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68183Series
Use With


同様の部品番号 - 0681830002

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0681830001 MOLEX8-0681830001 Datasheet
156Kb / 3P
6.25 mm (.246") Pitch, 24 Pin DVI Single Link Digital Plug, Transmitter
0681830005 MOLEX8-0681830005 Datasheet
102Kb / 3P
USA AC-DC Adapter for Optical Graphic Extension Module
More results

同様の説明 - 0681830002

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
BCM7501 BOARDCOM-BCM7501 Datasheet
124Kb / 2P
SINGLE LINK DVI TRANSMITTER WITH HIGH-BANDWIDTH DIGITAL CONTENT PROTECTION
logo
Molex Electronics Ltd.
0681830001 MOLEX8-0681830001 Datasheet
156Kb / 3P
6.25 mm (.246") Pitch, 24 Pin DVI Single Link Digital Plug, Transmitter
0887418020 MOLEX10-0887418020 Datasheet
182Kb / 3P
MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to- DVI-Digital, Single Link TMDS, Black, 5.0m Length
logo
Tripp Lite. All Rights ...
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-025 TRIPPLITE-P561-025 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com