データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0784480001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0784480001
部品情報  1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tape on Reel Packaging, Lead-free
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX9 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0784480001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0784480001 Datasheet HTML 1Page - Molex Electronics Ltd. 0784480001 Datasheet HTML 2Page - Molex Electronics Ltd. 0784480001 Datasheet HTML 3Page - Molex Electronics Ltd. 0784480001 Datasheet HTML 4Page - Molex Electronics Ltd. 0784480001 Datasheet HTML 5Page - Molex Electronics Ltd. 0784480001 Datasheet HTML 6Page - Molex Electronics Ltd. 0784480001 Datasheet HTML 7Page - Molex Electronics Ltd. 0784480001 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0784480001
Status:
Active
Overview:
serial_ata_combo_plugs_and_receptacles
Description:
1.27mm (.050") Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits,
Tape on Reel Packaging, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-78448-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
78448
Application
Board-to-Board
Comments
Latch version
Overview
serial_ata_combo_plugs_and_receptacles
Product Name
Serial ATA
Physical
Breakaway
No
Circuits (Loaded)
22
Circuits (maximum)
22
Color - Resin
Black
Durability (mating cycles max)
500
First Mate / Last Break
Yes
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Parallel
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.041 In
PCB Thickness Recommended (mm)
1.04 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
0°C to +55°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
78448Series
Mates With
Molex Serial ATA and SAS Receptacles


同様の部品番号 - 0784480001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0784480011 MOLEX9-0784480011 Datasheet
426Kb / 8P
1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tray Packaging, Lead-free
More results

同様の説明 - 0784480001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0674921220 MOLEX7-0674921220 Datasheet
227Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), Gold (Au) Flash, Embossed Tape on Reel Packaging, 22 CircuitsLead Free
0674921430 MOLEX7-0674921430 Datasheet
227Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 5.90mm (.232"), Gold (Au) Flash, 22 Circuits, with Cap, Tape on Reel, Lead Free
0674921224 MOLEX7-0674921224 Datasheet
227Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 6.74mm (.265"), Gold (Au) Flash, Tape on Reel Packaging, 22 Circuits, Lead Free
0674921830 MOLEX7-0674921830 Datasheet
154Kb / 3P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 5.60mm (.220"), Gold (Au) Flash, with Cap, Embossed Tape on Reel Packaging, 22 Circuits, Lead Free
0785000001 MOLEX9-0785000001 Datasheet
343Kb / 6P
1.27mm (.050") Pitch Micro Serial ATA Device Receptacle for 1.8" SSD/HDD, SMT, Vertical, with Pegs and Kapton Tape, 16 Circuits, EmbossedTape on Reel, Lead free
0782830001 MOLEX9-0782830001 Datasheet
364Kb / 7P
1.27mm (.050") Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without withflanged tabbed housing, 16 circuits, Tape on Reel, Lead- free
0784480011 MOLEX9-0784480011 Datasheet
426Kb / 8P
1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tray Packaging, Lead-free
0877030067 MOLEX9-0877030067 Datasheet
321Kb / 6P
1.27mm (.050) Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free
0784920001 MOLEX9-0784920001 Datasheet
325Kb / 6P
1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" SSD/HDD, SMT, Vertical, with Pegs and Kapton Tape, 16 Circuits, EmbossedTape on Reel, Lead free
0877030001 MOLEX9-0877030001 Datasheet
322Kb / 6P
1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tray Packaging
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com