データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0877030001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0877030001
部品情報  1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tray Packaging
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX9 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877030001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0877030001 Datasheet HTML 1Page - Molex Electronics Ltd. 0877030001 Datasheet HTML 2Page - Molex Electronics Ltd. 0877030001 Datasheet HTML 3Page - Molex Electronics Ltd. 0877030001 Datasheet HTML 4Page - Molex Electronics Ltd. 0877030001 Datasheet HTML 5Page - Molex Electronics Ltd. 0877030001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877030001
Status:
Active
Overview:
Serial ATA Combo Plugs and Receptacles
Description:
1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits,
Tray Packaging, Lead-free
Documents:
3D Model
Product Specification PS-87703-017 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
87703
Application
Board-to-Board
Overview
Serial ATA Combo Plugs and Receptacles
Product Literature Order No
SNG-029
Product Name
Serial ATA
Physical
Breakaway
No
Circuits (Loaded)
22
Circuits (maximum)
22
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.079 In
PC Tail Length (mm)
2.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.020 In
PCB Thickness Recommended (mm)
0.50 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
5.08
Plating min: Mating (µm)
0.127
Plating min: Termination (µin)
5.08
Plating min: Termination (µm)
0.127
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87703Series
Mates With
Combo Receptacle 87678. 87701. 87713.
87779. 87780. 67492. 87781. 67489 Signal
Cable Recptacle. 88755 Cable Assembly.


同様の部品番号 - 0877030001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0877030067 MOLEX9-0877030067 Datasheet
321Kb / 6P
1.27mm (.050) Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free
More results

同様の説明 - 0877030001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0473001040 MOLEX6-0473001040 Datasheet
544Kb / 9P
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive
0473913001 MOLEX6-0473913001 Datasheet
148Kb / 3P
1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount, 1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount
0674921120 MOLEX7-0674921120 Datasheet
221Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height3.55mm (.140"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0674929220 MOLEX7-0674929220 Datasheet
221Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0674921320 MOLEX7-0674921320 Datasheet
221Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), Gold (Au) Flash, 22 Circuits, Tray Packaging, Lead Free
0675810002 MOLEX8-0675810002 Datasheet
127Kb / 2P
1.27mm (.050") Pitch Serial ATA Crimp
0784480001 MOLEX9-0784480001 Datasheet
426Kb / 8P
1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tape on Reel Packaging, Lead-free
0784480011 MOLEX9-0784480011 Datasheet
426Kb / 8P
1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tray Packaging, Lead-free
0782850001 MOLEX9-0782850001 Datasheet
349Kb / 7P
1.27mm (.050) Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without with flanged tabbed housing, 16 circuits, Tray, Lead-free
0877030067 MOLEX9-0877030067 Datasheet
321Kb / 6P
1.27mm (.050) Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com