データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0781091001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0781091001
部品情報  1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right Angle, SMT, Mid-Mount, 14 Circuits, Lead free
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX9 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0781091001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0781091001 Datasheet HTML 1Page - Molex Electronics Ltd. 0781091001 Datasheet HTML 2Page - Molex Electronics Ltd. 0781091001 Datasheet HTML 3Page - Molex Electronics Ltd. 0781091001 Datasheet HTML 4Page - Molex Electronics Ltd. 0781091001 Datasheet HTML 5Page - Molex Electronics Ltd. 0781091001 Datasheet HTML 6Page - Molex Electronics Ltd. 0781091001 Datasheet HTML 7Page - Molex Electronics Ltd. 0781091001 Datasheet HTML 8Page - Molex Electronics Ltd. 0781091001 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0781091001
Status:
Active
Overview:
micro_sata
Description:
1.27mm (.050") Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right
Angle, SMT, Mid-Mount, 14 Circuits, Lead free
Documents:
3D Model
Product Specification PS-78109-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
78109
Application
Board-to-Board
Overview
micro_sata
Product Name
Micro Serial ATA, Serial ATA
Physical
Circuits (Loaded)
14
Circuits (maximum)
14
Circuits Detail
Without Optional Manufacturing Pins (S1 to S7, P1 to
P7)
Color - Resin
Black
Durability (mating cycles max)
500
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Voltage - Maximum
30V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
78109Series
Mates With
78103 , 78283 and 78285 Micro SATA
Device Plugs


同様の部品番号 - 0781091001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0781090001 MOLEX9-0781090001 Datasheet
429Kb / 8P
1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right Angle, SMT, Mid-Mount, 16 Circuits, Lead free
0781090001 MOLEX-0781090001 Datasheet
400Kb / 7P
SERIAL ATA BACKPLANE CONNECTOR 1.27mm PITCH
2016/04/28
More results

同様の説明 - 0781091001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0472220001 MOLEX6-0472220001 Datasheet
223Kb / 4P
1.27mm (.050") Pitch Serial ATA Bay Receptacle, Right Angle, SMT, Mid- mount, 0.10um (4u") Gold (Au)
0483255003 MOLEX6-0483255003 Datasheet
180Kb / 4P
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, 1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle
0785000001 MOLEX9-0785000001 Datasheet
343Kb / 6P
1.27mm (.050") Pitch Micro Serial ATA Device Receptacle for 1.8" SSD/HDD, SMT, Vertical, with Pegs and Kapton Tape, 16 Circuits, EmbossedTape on Reel, Lead free
0782830001 MOLEX9-0782830001 Datasheet
364Kb / 7P
1.27mm (.050") Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without withflanged tabbed housing, 16 circuits, Tape on Reel, Lead- free
0782850001 MOLEX9-0782850001 Datasheet
349Kb / 7P
1.27mm (.050) Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without with flanged tabbed housing, 16 circuits, Tray, Lead-free
0783200001 MOLEX9-0783200001 Datasheet
371Kb / 7P
1.27mm (.050) Pitch High Speed Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, SMT, Right Angle, Top Mount, 16 Circuits, Tray, Lead free
0783200002 MOLEX9-0783200002 Datasheet
393Kb / 7P
1.27mm (.050) Pitch High Speed Micro Serial ATA Device Receptacle for 1.8 HDD/SSD, SMT, Right Angle, Top Mount, with Support Rib, Tape on Reel, Lead free
0784920001 MOLEX9-0784920001 Datasheet
325Kb / 6P
1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" SSD/HDD, SMT, Vertical, with Pegs and Kapton Tape, 16 Circuits, EmbossedTape on Reel, Lead free
0783201001 MOLEX9-0783201001 Datasheet
371Kb / 7P
1.27mm (.050") Pitch High Speed Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, SMT, Right Angle
0781090001 MOLEX9-0781090001 Datasheet
429Kb / 8P
1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right Angle, SMT, Mid-Mount, 16 Circuits, Lead free
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com