データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1120000003 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 1120000003
部品情報  applicom짰 PCU2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120000003 データシート(HTML) 1 Page - Molex Electronics Ltd.

  1120000003 Datasheet HTML 1Page - Molex Electronics Ltd. 1120000003 Datasheet HTML 2Page - Molex Electronics Ltd. 1120000003 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120000003
Status:
Active
Description:
applicom® PCU2000ETH Combo Ethernet 10/100 Mbps + Serial RS485/422 card, PCI
3.3/ 5V bus, RoHS compliant
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112000
Approvals
CE
Communication Speed
Ethernet: 10/100 Mbps, Serial up to 38,400 bps
Mounting Style
N/A
Product Name
applicom®
Protocol
N/A
Type
PC Card
Physical
Channels
2
Interface
Ethernet - Serial
Network Connection Type
Ethernet: RJ45, Serial: D-Sub Male (9 pin)
Packaging Type
Carton
Processor
AMD SC520
Temperature Range - Operating
0°C to +65°C
Electrical
Current - Maximum Input
5.5W
EMC
EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN
61000-6-2
Supply Voltage
N/A
Material Info
Old Part Number
APP-ESR-PCU-C
Reference - Drawing Numbers
Sales Drawing
E-112000-0001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112000Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 1120000003

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1120000001 MOLEX11-1120000001 Datasheet
896Kb / 3P
applicom PCU2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI 3.3/ 5V bus, RoHS compliant
1120000005 MOLEX11-1120000005 Datasheet
896Kb / 3P
applicom PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI 3.3/ 5V bus, RoHS compliant
More results

同様の説明 - 1120000003

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1120005028 MOLEX11-1120005028 Datasheet
562Kb / 3P
applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI Express
1120000001 MOLEX11-1120000001 Datasheet
896Kb / 3P
applicom PCU2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI 3.3/ 5V bus, RoHS compliant
1120000005 MOLEX11-1120000005 Datasheet
896Kb / 3P
applicom PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI 3.3/ 5V bus, RoHS compliant
1120005027 MOLEX11-1120005027 Datasheet
562Kb / 3P
applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card, PCI Express 1x bus
logo
Moxa Inc.
E1 MOXA-E1 Datasheet
923Kb / 5P
10/100 Mbps embedded serial device servers
E2 MOXA-E2 Datasheet
888Kb / 4P
10/100 Mbps embedded serial device servers
E3 MOXA-E3 Datasheet
1Mb / 4P
10/100 Mbps embedded serial device servers
NE-4100 MOXA-NE-4100 Datasheet
506Kb / 4P
10/100 Mbps embedded serial device servers
logo
Advantech Co., Ltd.
856-15410 ADVANTECH-856-15410 Datasheet
536Kb / 2P
10/100/1000 Mbps Ethernet Media Converter
856-18700 ADVANTECH-856-18700 Datasheet
565Kb / 2P
10/100 Mbps Ethernet Media Converter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com