データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1120205018 データシート(PDF) 3 Page - Molex Electronics Ltd.

部品番号 1120205018
部品情報  applicom PCIE1000, 1 Serial RS485/RS422 port, PCI Express 1x, RoHS compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120205018 データシート(HTML) 3 Page - Molex Electronics Ltd.

  1120205018 Datasheet HTML 1Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 2Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 3Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 4Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 5Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Specifications
(1): Also available on option: RS232 (2 or 6 wires), Current Loop 20mA by modifying the daughter card electrical interface.
applicom®
PCU1000 (3.3V / 5V)
applicom®
PCIE1000
(RJ45 port is not usable)
(RJ45 port is not usable)
Key Benefits
• Universal PCI 3.3 V / 5V (PCI-X
compatible)
• RoHS compliant
• On-board processor
• PCI Express 1x
• RoHS compliant
• On-board processor
Hardware
Unit
PCI Universal (3.3V / 5V), Short card, single slot
PCI Express 1x, v1.0a
Processor
AMD SC520 - 133 MHz
AMD SC520 - 133 MHz
Memory
16 Mbytes
16 Mbytes
Flash Memory
4 Mbytes
4 Mbytes
Interruption
Hardware Plug&Play
Hardware Plug&Play
DPRAM Address
Hardware Plug&Play (32 Kbytes)
Hardware Plug&Play (32 Kbytes)
Discrete Input
Opto-coupled discrete input,
Voltage -> +10 to +30 DC or 24 V AC (50-60 Hz)
Opto-coupled discrete input
Voltage -> DC +10 to +30 or AC 24 V (50 to 60 Hz)
Discrete Output
« Watchdog » output contact free from potential,
(floating) (24V DC, 0.25A)
« Watchdog » output contact free from potential,
(floating) (24V DC, 0.25A)
Dimensions (LxW)
168mm x 107mm (6.61" x 4.21")
168mm x 107mm (6.61" x 4.21")
Consumption
5.5 W
5.5 W
Operating T°
0º C (32º F) ↔ +70º C (149º F)
0º C (32º F) ↔ +70º C (149º F)
Storage T°
-40º C (-40º F) ↔ +85º C (185º)
-40º C (-40º F) ↔ +85º C (185º)
EMC Compliance
Yes, Industrial and Office use
Yes, Industrial and Office use
RoHS Compliant
Yes
Yes
Communication port
Port type
1 Asynchronous Serial port
1 Asynchronous Serial port
Connector
D-Sub, 9 pin, male
D-Sub, 9 pin, male
LED Indicators
2 leds: TX / RX
2 leds: TX / RX
Electrical Interface
(1)
RS485/422, galvanic insulation (500 V)
RS485/422, galvanic insulation (500 V)
Baud Rate:
50 bps ↔ 38400 bps
50 bps ↔ 38400 bps



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com