データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1120080008 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 1120080008
部品情報  eNetMeter DN diagnostic tool for DeviceNet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120080008 データシート(HTML) 1 Page - Molex Electronics Ltd.

  1120080008 Datasheet HTML 1Page - Molex Electronics Ltd. 1120080008 Datasheet HTML 2Page - Molex Electronics Ltd. 1120080008 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120080008
Status:
Active
Overview:
Description:
eNetMeter DN diagnostic tool for DeviceNet
General
Product Family
Field Attachable / Accessories
Series
112008
Approvals
ODVA, UL, CUL, CE
Comments
eNetMeter DN; monitors approx. 9,500 parameters
Communication Speed
10 / 100 Mbaud (Auto), 125, 250, 500 Kbaud
IP Rating
IP20
Overview
enetmeter_dn
Product Name
DeviceNet*
Type
eNetMeter
Physical
Cable Diameter
N/A
Coupling Type
N/A
Diagnostics / LEDs
Yes
Diagnostics Port
Yes
Gender
N/A
Keyway
N/A
Material - Connector Body
N/A
Material - Contact
N/A
Material - Coupling Nut
N/A
Material - Plating Mating
n/a
Orientation
N/A
Poles
N/A
Temperature Range - Operating
0°C to +60°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
11-25V DC
Material Info
Old Part Number
SST-ENM-DN1
Reference - Drawing Numbers
Sales Drawing
E-112008-0008
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112008Series
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 1120080008

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1120080002 MOLEX11-1120080002 Datasheet
502Kb / 3P
Hand Held Digital NetMeter for DeviceNet and carrying case
More results

同様の説明 - 1120080008

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1120080013 MOLEX11-1120080013 Datasheet
510Kb / 3P
Hand Held Digital NetMeter for DeviceNet
logo
SHIELD s.r.l.
ML-DD SHIELD-ML-DD Datasheet
70Kb / 1P
DeviceNet, UL - PUR
logo
Texas Instruments
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
DeviceNet??CAN Transceivers
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
DeviceNet CAN Transceivers
logo
Red Lion Controls. Inc
GMDN REDLION-GMDN Datasheet
473Kb / 2P
DeviceNet Protocol Communication
logo
WAGO Kontakttechnik Gmb...
750-306 WAGO-750-306 Datasheet
505Kb / 13P
Fieldbus Coupler DeviceNet
750-306-000-006 WAGO-750-306-000-006 Datasheet
461Kb / 12P
Fieldbus Coupler DeviceNet
750-306-000-005 WAGO-750-306-000-005 Datasheet
460Kb / 12P
Fieldbus Coupler DeviceNet
750-806 WAGO-750-806 Datasheet
634Kb / 14P
Controller DeviceNet
logo
NHP Electrical Engineer...
1732D-16CFGM12M12 NHP-1732D-16CFGM12M12 Datasheet
748Kb / 1P
1732 ArmorBlock DeviceNet Digital I/O, Standard and Diagnostic, DeviceNet, 16 Self-Configuring, DC Micro (M12)
7 June 2023,
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com