| データシートサーチシステム |
|
2MP04-032 データシート(PDF) 3 Page - RMT Ltd. |
|
|
|||||||||||||||||||||||||||||
2MP04-032 データシート(HTML) 3 Page - RMT Ltd. |
|
3 / 4 page ![]() RMT Ltd. 2MP04-032 Series Copyright 2005. RMT Ltd. The design and specifications of products can be changed by RMT Ltd. without notice. RMTK 190.00.00 53 Leninskij prosp. Moscow 119991 Russia, phones: 7-095-132-6817, 7-095-132-6685, fax: 7-095-132-5870, e-mail: rmtcom@dol.ru 2MP04-032-15 Standard Perfomance Plots Application tips Cautions 1. Never heat TE module more than 160oC (TEC assembled at 183oC) or 200oC (TEC assembled at 230oC). 2. Never use TE module without attached heat sink at hot (bottom) side. Installation 1. Mechanical Mounting TEC is placed between two heat exchangers . This construction is fixed by screws or in another mechanical way. It is suitable for large modules (with dimensions 30mmx30mm and larger). Miniature types require other assembling methods. 2. Soldering This method is suitable for a TE module with metallized outside surfaces (cold and hot sides). RMT provides this option and also makes pre-tinning for TE modules. In comparison with a mechanical assembling method, soldering requires careful procedures. 3. Glueing It is an up-to-date method that is used by many customers due to availability of glues with good thermoconductive properties. A glue is usually based on some epoxy compound filled with some thermoconductive material such as graphite or diamond powders, silver, SiN and others. The application of a specific type depends on application features and the type of a TE module. 3. Connect TE module to DC power supply according to polarity 4. Do not apply DC current higher than Imax. 0 10 20 30 40 50 60 70 80 90 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Current, A 0 10 20 30 40 50 60 70 80 90 100 0.00 0.25 0.50 0.75 Q, W Imax 0.8 Imax 0.6 Imax 0.4 Imax 0.0 0.5 1.0 1.5 2.0 0 10 20 30 40 50 60 70 80 90 100 DT, K Imax 0.8 Imax 0.6 Imax 0.4 Imax 0.0 0.5 1.0 1.5 0 10 20 30 40 50 60 70 80 90 100 DT, K 425 |