データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM3725 データシート(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM3725
部品情報  Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DM3725 データシート(HTML) 73 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 69Page - Texas Instruments DM3725 Datasheet HTML 70Page - Texas Instruments DM3725 Datasheet HTML 71Page - Texas Instruments DM3725 Datasheet HTML 72Page - Texas Instruments DM3725 Datasheet HTML 73Page - Texas Instruments DM3725 Datasheet HTML 74Page - Texas Instruments DM3725 Datasheet HTML 75Page - Texas Instruments DM3725 Datasheet HTML 76Page - Texas Instruments DM3725 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 268 page
background image
DM3730, DM3725
www.ti.com
SPRS685 – AUGUST 2010
Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued)
BALL
BALL TOP [2]
PIN NAME
MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
[3]
STATE [6]
REL. STATE MODE [8]
STRENGTH
/DOWN
[7]
(mA) [11]
TYPE [12]
B24
uart3_rx_ irrx
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_165
4
IO
safe_mode
7
C23
uart3_tx_ irtx
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_166
4
IO
safe_mode
7
R21
hsusb0_clk
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_120
4
IO
safe_mode
7
R23
hsusb0_stp
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_121
4
IO
safe_mode
7
P23
hsusb0_dir
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_122
4
IO
safe_mode
7
R22
hsusb0_nxt
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_124
4
IO
safe_mode
7
T24
hsusb0_ data0
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_tx_ irtx
2
O
gpio_125
4
IO
uart2_tx
5
O
safe_mode
7
T23
hsusb0_ data1
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_rx_ irrx
2
I
gpio_130
4
IO
uart2_rx
5
I
safe_mode
7
U24
hsusb0_ data2
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_rts_ sd
2
O
gpio_131
4
IO
uart2_rts
5
O
safe_mode
7
U23
hsusb0_ data3
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_cts_ rctx
2
IO
gpio_169
4
IO
uart2_cts
5
I
safe_mode
7
W24
hsusb0_ data4
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_188
4
IO
safe_mode
7
V23
hsusb0_ data5
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_189
4
IO
safe_mode
7
W23
hsusb0_ data6
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_190
4
IO
safe_mode
7
T22
hsusb0_ data7
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_191
4
IO
safe_mode
7
K20
i2c1_scl
0
OD
H
H
0
vdds
NA
3
PU/ PD
(10)(11)
Open Drain
K21
i2c1_sda
0
IOD
H
H
0
vdds
Yes
3
PU/ PD
(10)(11)
Open Drain
AC15
i2c2_scl
0
OD
H
H
7
vdds
Yes
3
PU/ PD
(10)(12)
Open Drain
gpio_168
4
IO
4
safe_mode
7
Copyright © 2010, Texas Instruments Incorporated
TERMINAL DESCRIPTION
73
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More