| データシートサーチシステム |
|
PT6963 データシート(PDF) 13 Page - Princeton Technology Corp |
|
|
|||||||||||||||||||||||||||||
PT6963 データシート(HTML) 13 Page - Princeton Technology Corp |
|
13 / 17 page ![]() PT6963 V1.3 13 RECOMMENDED SOFTWARE FLOWCHART Notes: 1. Command 1: Display Mode Commands 2. Command 2: Data Setting Commands 3. Command 3: Address Setting Commands 4. Command 4: Display Control Commands 5. When IC power is applied for the first time, the contents of the Display RAM are not defined; thus, it is strongly suggested that the contents of the Display RAM be cleared during the initial setting. |