データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SF11 データシート(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

部品番号 SF11
部品情報  SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
ホームページ  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SF11 データシート(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SF11 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SF11 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPER FAST RECOVERY RECTIFIER
VOLTAGE RANGE
50 to 600 Volts
SF11 THRU SF18
CURRENT
1.0Ampere
FEATURES
•
Low coat construction
•
Fast switching for high efficency.
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.012ounce, 0.33grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SF
11
SF
12
SF
13
SF
14
SF
15
SF
16
SF
17
SF
18
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 55℃
I(AV)
1.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
30
Amps
Maximum Instantaneous Forward Voltage @ 1.0A
VF
0.95
1.25
1.7
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 125℃
IR
50
µA
Maximum Reverse Recovery Time
Test conditions IF=0.5A,IR=1.0A,IRR=0.25A
trr
35
ns
Typical Thermal Capavitance
(Measured at 1.0MHz and applied rever voltage of 4.0V)
CJ
15
10
PF
Typical Thermal Resistance(NOTE 1)
RθJA
60
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Thermal resistance from junction to ambient with .375”(9.5mm)lead length, P.C.B. mounted. .
DO-41
DIA.
.034(0.9)
.028(0.7)
DIA.
.107(2.7)
.080(2.0)
.205(5.2)
.160(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and
Web Site: WWW.PS-PFS.COM


同様の部品番号 - SF11

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF11 WTE-SF11 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF11 ZOWIE-SF11 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF11 RECTRON-SF11 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF11 JGD-SF11 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

同様の説明 - SF11

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
60HFU TEL-60HFU Datasheet
199Kb / 1P
Super Fast Recovery Rectifier
85HFL TEL-85HFL Datasheet
201Kb / 1P
Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com