データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SF21 データシート(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

部品番号 SF21
部品情報  SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
ホームページ  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SF21 データシート(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SF21 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SF21 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPER FAST RECOVERY RECTIFIER
VOLTAGE RANGE
50 to 600 Volts
SF21 THRU SF28
CURRENT
2.0Ampere
FEATURES
Low coat construction
Fast switching for high efficency.
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-O rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weight: 0.014ounce, 0.39grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SF
21
SF
22
SF
23
SF
24
SF
25
SF
26
SF
27
SF
28
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 55℃
I(AV)
2.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
50
Amps
Maximum Instantaneous Forward Voltage @ 2.0A
VF
0.95
1.25
1.7
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 125℃
IR
50
µA
Maximum Reverse Recovery Time
Test conditions IF=0.5A,IR=1.0A,IRR=0.25A
trr
35
ns
Typical Thermal Capavitance
(Measured at 1.0MHz and applied rever voltage of 4.0V)
CJ
30
20
PF
Typical Thermal Resistance(NOTE 1)
RθJA
40
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Thermal resistance from junction to ambient with .375”(9.5mm)lead length, P.C.B. mounted. .
DO-15
DIA.
.034(0.9)
.028(0.7)
DIA.
.140(3.6)
.104(2.6)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and (millimeters)
Web Site: WWW.PS-PFS.COM


同様の部品番号 - SF21

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF21 ZOWIE-SF21 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

同様の説明 - SF21

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
60HFU TEL-60HFU Datasheet
199Kb / 1P
Super Fast Recovery Rectifier
85HFL TEL-85HFL Datasheet
201Kb / 1P
Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com