データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYV26A データシート(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

部品番号 BYV26A
部品情報  Very Fast Soft-Recovery Avalanche Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
ホームページ  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BYV26A データシート(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BYV26A Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BYV26A Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BYV26A Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 (3)
BYV26
Very Fast Soft–Recovery Avalanche Rectifier
Features
D Glass passivated junction
D Hermetically sealed package
D Very low switching losses
D Low reverse current
D High reverse voltage
Applications
Switched mode power supplies
High–frequency inverter circuits
94 9539
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYV26A
VR=VRRM
200
V
g
=Repetitive peak reverse voltage
BYV26B
VR=VRRM
400
V
BYV26C
VR=VRRM
600
V
BYV26D
VR=VRRM
800
V
BYV26E
VR=VRRM
1000
V
Peak forward surge current
tp=10ms, half sinewave
IFSM
30
A
Average forward current
IFAV
1
A
Non repetitive reverse
avalanche energy
I(BR)R=400mA,
inductive load
ER
10
mJ
Junction and storage
temperature range
Tj=Tstg
–55...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=10mm, TL=constant
RthJA
45
K/W
Web Site: WWW.PS-PFS.COM


同様の部品番号 - BYV26A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYV26A PHILIPS-BYV26A Datasheet
69Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1996 May 30
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
logo
Vishay Siliconix
BYV26A VISHAY-BYV26A Datasheet
123Kb / 5P
Ultra Fast Avalanche Sinterglass Diode
14-Apr-05
logo
SEMTECH ELECTRONICS LTD...
BYV26A SEMTECH_ELEC-BYV26A Datasheet
210Kb / 2P
SUPER FAST RECTIFIERS
logo
Gulf Semiconductor
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
More results

同様の説明 - BYV26A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BYT43 VISHAY-BYT43 Datasheet
46Kb / 4P
Very Fast Soft Recovery Rectifier
24-Jun-98
BYV27600 VISHAY-BYV27600 Datasheet
42Kb / 4P
Ultra Fast Soft-Recovery Avalanche Rectifier
24-Jun-98
BYV28600 VISHAY-BYV28600 Datasheet
43Kb / 4P
Ultra Fast Soft-Recovery Avalanche Rectifier
24-Jun-98
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV36A SYNSEMI-BYV36A Datasheet
39Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV36A EIC-BYV36A Datasheet
56Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com