| データシートサーチシステム |
|
R8C データシート(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C データシート(HTML) 1 Page - Renesas Technology Corp |
|
1 / 48 page ![]() R01DS0010EJ0010 Rev.0.10 Page 1 of 45 Aug 25, 2010 R8C/M11A Group, R8C/M12A Group RENESAS MCU Preliminary Datasheet Specifications in this document are tentative and subject to change. 1. Overview 1.1 Features The R8C/M11A Group and R8C/M12A Group of single-chip microcontrollers (MCUs) incorporate the R8C CPU core, which provides sophisticated instructions for a high level of efficiency. With 1 Mbyte of address space, the CPU core is capable of executing instructions at high speed. In addition, it features a multiplier for high-speed arithmetic processing. Power consumption is low, and additional power control is possible by selecting the operating mode. These MCUs are designed to suppress unnecessary radiation of noise and improve noise tolerance with countermeasure circuits. Integration of many peripheral functions on the same chip, including multifunction timer and serial interface, reduces the number of system components. The R8C/M11A Group and R8C/M12A Group include data flash (1 KB × 2 blocks). 1.1.1 Applications Home appliances, office equipment, audio equipment, consumer products, etc. R01DS0010EJ0010 Rev.0.10 Aug 25, 2010 |
同様の部品番号 - R8C |
|
同様の説明 - R8C |