| データシートサーチシステム |
|
R32C データシート(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R32C データシート(HTML) 15 Page - Renesas Technology Corp |
|
15 / 116 page ![]() REJ03B0298-0100 Rev.1.00 Page 15 of 113 Jul 16, 2010 R32C/117A Group 1. Overview Figure 1.4 Pin Assignment for the 144-pin Package (top view) STXD4 / SCL4 / RXD4 / ADTRG / P9_7 P7_0 / TA0OUT / TXD2 / SDA2 / SRXD2 / IIO1_6 / OUTC2_0 / ISTXD2 / IEOUT / MSDA P6_7 / TXD1 / SDA1 / SRXD1 AVCC VREF AN_0 / P10_0 AVSS AN_1 / P10_1 AN_2 / P10_2 AN_3 / P10_3 KI0 / AN_4 / P10_4 KI1 / AN_5 / P10_5 KI2 / AN_6 / P10_6 KI3 / AN_7 / P10_7 VCC IIO0_0 / TXD7 / AN15_0 / P15_0 VSS IIO0_1 / CLK7 / AN15_1 / P15_1 IIO0_2 / RXD7 / AN15_2 / P15_2 IIO0_3 / CTS7 / RTS7 / AN15_3 / P15_3 IIO0_4 / TXD6 / SDA6 / SRXD6 / AN15_4 / P15_4 IIO0_5 / RXD6 / SCL6 / STXD6 / AN15_5 / P15_5 IIO0_6 / CLK6 / AN15_6 / P15_6 IIO0_7 / CTS6 / RTS6 / SS6 / AN15_7 / P15_7 AN0_0 / D0 / P0_0 AN0_1 / D1 / P0_1 AN0_2 / D2 / P0_2 AN0_3 / D3 / P0_3 IIO1_0 / TXD8 / CS0 / P11_0 IIO1_1 / CLK8 / CS1 / P11_1 IIO1_2 / RXD8 / CS2 / P11_2 IIO1_3 / CTS8 / RTS8 / WR2 / CS3 / P11_3 WR3 / BC3 / P11_4 AN0_4 / D4 / P0_4 AN0_5 / D5 / P0_5 AN0_6 / D6 / P0_6 AN0_7 / D7 / P0_7 IIO0_0 / IIO1_0 / D8 / P1_0 P14_7 P6_6 / RXD1 / SCL1 / STXD1 P11_7 P6_5 / CLK1 P6_4 / CTS1 / RTS1 / SS1 / OUTC2_1 / ISCLK2 P6_3 / TXD0 / SDA0 / SRXD0 P13_7 / D31 / OUTC2_7 P13_6 / D30 / OUTC2_1 / ISCLK2 P13_5 / D29 / OUTC2_2 / ISRXD2 / IEIN P13_4 / D28 / OUTC2_0 / ISTXD2 / IEOUT P13_3 / D27 / OUTC2_3 VSS P13_2 / D26 / OUTC2_6 VCC P13_1 / D25 / OUTC2_5 P13_0 / D24 / OUTC2_4 P5_3 / CLKOUT / BCLK P5_2 / RD P5_1 / WR1 / BC1 P5_0 / WR0 / WR P12_7 / D23 P12_6 / D22 P12_5 / D21 P4_7 / CS0 / A23 / TXD6 / SDA6 / SRXD6 P4_6 / CS1 / A22 / RXD6 / SCL6 / STXD6 P4_5 / CS2 / A21 / CLK6 P4_4 / CS3 / A20 / CTS6 / RTS6 / SS6 R32C/117A GROUP P5_7 / RDY / CS3 / CTS7 / RTS7 P5_6 / ALE / CS2 / RXD7 P5_5 / HOLD / CLK7 P5_4 / HLDA / CS1 / TXD7 P6_2 / TB2IN / RXD0 / SCL0 / STXD0 P6_1 / TB1IN / CLK0 P6_0 / TB0IN / CTS0 / RTS0 / SS0 PLQP0144KA-A (144P6Q-A) (Top view) 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 144 143 142 141 140 139 138 137 136 135 134 133 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 Notes: 1. Pin names in brackets [ ] represent a functional signal as a whole and should not be considered as two separate pins. 2. The following pins are 5 V tolerant inputs: P4_0 to P4_7, P5_4 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_3, P12_0 to P12_7. 3. The position of pin number 1 varies by product. Refer to the index mark in attached “Package Dimensions”. (Note 2) (Note 3) (Note 2) (Note 2) (Note 1) |