| データシートサーチシステム |
|
R5F2L358CDFP データシート(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L358CDFP データシート(HTML) 8 Page - Renesas Technology Corp |
|
8 / 75 page ![]() R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group 1. Overview REJ03B0293-0100 Rev.1.00 Page 8 of 72 Jun 25, 2010 Table 1.8 Product List for R8C/L36C Group Current of Jun 2010 Figure 1.2 Correspondence of Part No., with Memory Size and Package of R8C/L36C Group Part No. Internal ROM Capacity Internal RAM Capacity Package Type Remarks Program ROM Data Flash R5F2L367CNFP 48 Kbytes 1 Kbyte × 4 6 Kbytes PLQP0064KB-A N Version R5F2L367CNFA 48 Kbytes 1 Kbyte × 4 6 Kbytes PLQP0064GA-A R5F2L368CNFP 64 Kbytes 1 Kbyte × 4 8 Kbytes PLQP0064KB-A R5F2L368CNFA 64 Kbytes 1 Kbyte × 4 8 Kbytes PLQP0064GA-A R5F2L36ACNFP 96 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0064KB-A R5F2L36ACNFA 96 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0064GA-A R5F2L36CCNFP 128 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0064KB-A R5F2L36CCNFA 128 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0064GA-A R5F2L367CDFP 48 Kbytes 1 Kbyte × 4 6 Kbytes PLQP0064KB-A D Version R5F2L367CDFA 48 Kbytes 1 Kbyte × 4 6 Kbytes PLQP0064GA-A R5F2L368CDFP 64 Kbytes 1 Kbyte × 4 8 Kbytes PLQP0064KB-A R5F2L368CDFA 64 Kbytes 1 Kbyte × 4 8 Kbytes PLQP0064GA-A R5F2L36ACDFP 96 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0064KB-A R5F2L36ACDFA 96 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0064GA-A R5F2L36CCDFP 128 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0064KB-A R5F2L36CCDFA 128 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0064GA-A Part No. R 5 F 2L 36 C C N FP Package type: FP: LQFP (0.50 mm pin pitch) FA: LQFP (0.80 mm pin pitch) Classification N: Operating ambient temperature -20°C to 85°C D: Operating ambient temperature -40°C to 85°C ROM capacity 7: 48 KB 8: 64 KB A: 96 KB C: 128 KB R8C/L36C Group R8C/Lx Series Memory type F: Flash memory Renesas MCU Renesas semiconductor |