データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6441 データシート(PDF) 27 Page - Microchip Technology

部品番号 MCP6441
部品情報  450 nA, 9 kHz Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6441 データシート(HTML) 27 Page - Microchip Technology

Back Button MCP6441 Datasheet HTML 22Page - Microchip Technology MCP6441 Datasheet HTML 23Page - Microchip Technology MCP6441 Datasheet HTML 24Page - Microchip Technology MCP6441 Datasheet HTML 25Page - Microchip Technology MCP6441 Datasheet HTML 26Page - Microchip Technology MCP6441 Datasheet HTML 27Page - Microchip Technology MCP6441 Datasheet HTML 28Page - Microchip Technology MCP6441 Datasheet HTML 29Page - Microchip Technology MCP6441 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2010 Microchip Technology Inc.
DS22257A-page 27
MCP6441
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6441:
Single Op Amp (Tape and Reel)
(SC70, SOT-23)
Temperature Range: E
= -40°C to +125°C
Package:
LT
= Plastic Package (SC70), 5-lead
OT
= Plastic Small Outline Transistor (SOT-23), 5-lead
Examples:
a)
MCP6441T-E/LT:
Tape and Reel,
5LD SC70 Package
b)
MCP6441T-E/OT:
Tape and Reel,
5LD SOT-23 Package
PART NO.
-X
/XX
Package
Temperature
Range
Device
T
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30