| データシートサーチシステム |
|
24AA014-I/ST データシート(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA014-I/ST データシート(HTML) 5 Page - Microchip Technology |
|
5 / 36 page ![]() 2010 Microchip Technology Inc. DS21809G-page 5 24AA014/24LC014 2.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 2-1. TABLE 2-1: PIN FUNCTION TABLE 2.1 A0, A1, A2 Chip Address Inputs The A0, A1 and A2 inputs are used by the 24AA014/ 24LC014 for multiple device operation. The levels on these inputs are compared with the corresponding bits in the slave address. The chip is selected if the com- pare is true. Up to eight devices may be connected to the same bus by using different Chip Select bit combinations. These inputs must be connected to either VCC or VSS. For the SOT-23 devices up to four devices may be con- nected to the same bus using different Chip Select bit combinations. In most applications, the chip address inputs A0, A1 and A2 are hard-wired to logic ‘0’ or logic ‘1’. For applications in which these pins are controlled by a microcontroller or other programmable device, the chip address pins must be driven to logic ‘0’ or logic ‘1’ before normal device operation can proceed. 2.2 Serial Data (SDA) SDA is a bidirectional pin used to transfer addresses and data into and out of the device. Since it is an open- drain terminal, the SDA bus requires a pull-up resistor to VCC (typical 10 k for 100 kHz, 2 kfor 400 kHz). For normal data transfer, SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the Start and Stop conditions. 2.3 Serial Clock (SCL) The SCL input is used to synchronize the data transfer from and to the device. 2.4 Write-Protect (WP) This pin must be connected to either VSS or VCC. If tied to VSS, write operations are enabled. If tied to VCC, write operations are inhibited but read operations are not affected. 3.0 FUNCTIONAL DESCRIPTION The 24AA014/24LC014 supports a bidirectional, 2-wire bus and data transmission protocol. A device that sends data onto the bus is defined as transmitter, while a device receiving data is defined as a receiver. The bus has to be controlled by a master device which gen- erates the Serial Clock (SCL), controls the bus access and generates the Start and Stop conditions, while the 24AA014/24LC014 works as slave. Both master and slave can operate as transmitter or receiver, but the master device determines which mode is activated. Name PDIP SOIC TSSOP DFN(1) TDFN(1) MSOP SOT-23 Description A0 1 1 1 1 1 1 5 Chip Address Input A1 2 2 2 2 2 2 4 Chip Address Input A2 3 3 3 3 3 3 — Chip Address Input VSS 44 4 4 4 4 2 Ground SDA 5 5 5 5 5 5 3 Serial Address/Data I/O SCL 6 6 6 6 6 6 1 Serial Clock WP 7 7 7 7 7 7 — Write-Protect Input VCC 8 8 8 8 8 8 6 +1.7V to 5.5V Power Supply Note 1: The exposed pad on the DFN/TDFN packages can be connected to VSS or left floating. |