データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

23K256T-I/SN データシート(PDF) 4 Page - Microchip Technology

部品番号 23K256T-I/SN
部品情報  256K SPI Bus Low-Power Serial SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K256T-I/SN データシート(HTML) 4 Page - Microchip Technology

  23K256T-I/SN Datasheet HTML 1Page - Microchip Technology 23K256T-I/SN Datasheet HTML 2Page - Microchip Technology 23K256T-I/SN Datasheet HTML 3Page - Microchip Technology 23K256T-I/SN Datasheet HTML 4Page - Microchip Technology 23K256T-I/SN Datasheet HTML 5Page - Microchip Technology 23K256T-I/SN Datasheet HTML 6Page - Microchip Technology 23K256T-I/SN Datasheet HTML 7Page - Microchip Technology 23K256T-I/SN Datasheet HTML 8Page - Microchip Technology 23K256T-I/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
23X256
DS22100E-page 4
 2010 Microchip Technology Inc.
TABLE 1-3:
AC TEST CONDITIONS
14
TDIS
Output disable time
—
—
—
—
20
20
20
20
ns
ns
ns
ns
VCC
1.5V (I-Temp)
VCC
1.8V (I-Temp)
VCC
3.0V (E-Temp)
VCC
3.0V (I-Temp)
15
THS
HOLD setup time
10
—
ns
—
16
THH
HOLD hold time
10
—
ns
—
17
THZ
HOLD low to output High-Z
10
—
ns
—
18
THV
HOLD high to output valid
—
50
ns
—
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
Automotive (E): TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
Note 1:
This parameter is periodically sampled and not 100% tested.
AC Waveform:
Input pulse level
0.1 VCC to 0.9 VCC
Input rise/fall time
5 ns
Operating temperature
-40°C to +125°C
CL = 100 pF
—
Timing Measurement Reference Level:
Input
0.5 VCC
Output
0.5 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28