データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCM828ECT データシート(PDF) 11 Page - Microchip Technology

部品番号 TCM828ECT
部品情報  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM828ECT データシート(HTML) 11 Page - Microchip Technology

Back Button TCM828ECT Datasheet HTML 7Page - Microchip Technology TCM828ECT Datasheet HTML 8Page - Microchip Technology TCM828ECT Datasheet HTML 9Page - Microchip Technology TCM828ECT Datasheet HTML 10Page - Microchip Technology TCM828ECT Datasheet HTML 11Page - Microchip Technology TCM828ECT Datasheet HTML 12Page - Microchip Technology TCM828ECT Datasheet HTML 13Page - Microchip Technology TCM828ECT Datasheet HTML 14Page - Microchip Technology TCM828ECT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2010 Microchip Technology Inc.
DS21488B-page 11
TCM828/TCM829
4.0
DETAILED DESCRIPTION
The TCM828/TCM829 charge pump converters invert
the voltage applied to the VIN pin. Conversion consists
of a two phase operation (Figure 4-1). During the first
phase, switches S2 and S4 are open, while S1 and S3
are closed. During this time, C1 charges to the voltage
on VIN and load current is supplied from C2. During the
second phase, S2 and S4 are closed, and S1 and S3
are open. This action connects C1 across C2, restoring
charge to C2.
FIGURE 4-1:
Ideal Switched Capacitor
Charge Pump.
VOUT = -(VIN)
C1
C2
IN
S1
S3
S4
S2
TCM828/
TCM829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26