データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

23K256T-E/SN データシート(PDF) 11 Page - Microchip Technology

部品番号 23K256T-E/SN
部品情報  256K SPI Bus Low-Power Serial SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K256T-E/SN データシート(HTML) 11 Page - Microchip Technology

Back Button 23K256T-E/SN Datasheet HTML 7Page - Microchip Technology 23K256T-E/SN Datasheet HTML 8Page - Microchip Technology 23K256T-E/SN Datasheet HTML 9Page - Microchip Technology 23K256T-E/SN Datasheet HTML 10Page - Microchip Technology 23K256T-E/SN Datasheet HTML 11Page - Microchip Technology 23K256T-E/SN Datasheet HTML 12Page - Microchip Technology 23K256T-E/SN Datasheet HTML 13Page - Microchip Technology 23K256T-E/SN Datasheet HTML 14Page - Microchip Technology 23K256T-E/SN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2010 Microchip Technology Inc.
DS22100E-page 11
23X256
2.5
Read Status Register Instruction
(RDSR)
The Read Status Register instruction (RDSR) provides
access to the STATUS register. The STATUS register
may be read at any time. The STATUS register is
formatted as follows:
TABLE 2-2:
STATUS REGISTER
The mode bits indicate the operating mode of the
SRAM. The possible modes of operation are:
0 0 = Byte mode (default operation)
1 0 = Page mode
0 1 = Sequential mode
1 1 = Reserved
Write and read commands are shown in Figure 2-7 and
Figure 2-8.
The HOLD bit enables the Hold pin functionality. It must
be set to a ‘0’ before HOLD pin is brought low for HOLD
function to work properly. Setting HOLD to ‘1’ disables
feature.
Bits 1 through 5 are reserved and should always be set
to ‘0’.
See Figure 2-7 for the RDSR timing sequence.
FIGURE 2-7:
READ STATUS REGISTER TIMING SEQUENCE (RDSR)
76
5
4
3
2
1
0
W/R
W/R
–
–
–
–
–
W/R
MODE MODE
00
0
0
0
HOLD
W/R = writable/readable.
SO
SI
CS
9
1011
12131415
11
0
0
0
0
00
76
5
4
2
1
0
Instruction
Data from STATUS Register
High-Impedance
SCK
0
2
34
56
7
18
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28