| データシートサーチシステム |
|
PIC16F720-MV/SS データシート(PDF) 225 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-MV/SS データシート(HTML) 225 Page - Microchip Technology |
|
225 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 225 PIC16F/LF720/721 25.0 PACKAGING INFORMATION 25.1 Package Marking Information * Standard PICmicro® device marking consists of Microchip part number, year code, week code and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e 20-Lead PDIP XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX YYWWNNN Example PIC16F721 0810017 -I/P 3 e XXXXXXXXXX 20-Lead QFN 4x4 XXXXXXXXXX XXXXXXXXXX YYWWNNN Example PIC16F721 -I/ML 0810017 20-Lead SOIC XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX YYWWNNN Example 0810017 -I/SO 3 e PIC16F720 20-Lead SSOP XXXXXXXXXXXX XXXXXXXXXXXX YYWWNNN Example PIC16F720 0810017 -I/SS 3 e |