| データシートサーチシステム |
|
PIC16F720-MV/SS データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-MV/SS データシート(HTML) 39 Page - Microchip Technology |
|
39 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 39 PIC16F/LF720/721 4.3 Interrupts During Sleep Some interrupts can be used to wake from Sleep. To wake from Sleep, the peripheral must be able to operate without the system clock. The interrupt source must have the appropriate Interrupt Enable bit(s) set prior to entering Sleep. On waking from Sleep, if the GIE bit is also set, the processor will branch to the interrupt vector. Otherwise, the processor will continue executing instructions after the SLEEP instruction. The instruction directly after the SLEEP instruction will always be executed before branching to the ISR. Refer to the Section 19.0 “Power-Down Mode (Sleep)” for more details. 4.4 INT Pin The external interrupt, INT pin, causes an asynchronous, edge-triggered interrupt. The INTEDG bit of the OPTION register determines on which edge the interrupt will occur. When the INTEDG bit is set, the rising edge will cause the interrupt. When the INTEDG bit is clear, the falling edge will cause the interrupt. The INTF bit of the INTCON register will be set when a valid edge appears on the INT pin. If the GIE and INTE bits are also set, the processor will redirect program execution to the interrupt vector. This interrupt is disabled by clearing the INTE bit of the INTCON register. 4.5 Context Saving When an interrupt occurs, only the return PC value is saved to the stack. If the ISR modifies or uses an instruction that modifies key registers, their values must be saved at the beginning of the ISR and restored when the ISR completes. This prevents instructions following the ISR from using invalid data. Examples of key registers include the W, STATUS, FSR and PCLATH registers. The code shown in Example 4-1 can be used to do the following. • Save the W register • Save the STATUS register • Save the PCLATH register • Execute the ISR program • Restore the PCLATH register • Restore the STATUS register • Restore the W register Since most instructions modify the W register, it must be saved immediately upon entering the ISR. The SWAPF instruction is used when saving and restoring the W and STATUS registers because it will not affect any bits in the STATUS register. It is useful to place W_TEMP in shared memory because the ISR cannot predict which bank will be selected when the interrupt occurs. The processor will branch to the interrupt vector by loading the PC with 0004h. The PCLATH register will remain unchanged. This requires the ISR to ensure that the PCLATH register is set properly before using an instruction that causes PCLATH to be loaded into the PC. See Section 2.3 “PCL and PCLATH” for details on PC operation. EXAMPLE 4-1: SAVING W, STATUS AND PCLATH REGISTERS IN RAM Note: The microcontroller does not normally require saving the PCLATH register. However, if computed GOTOs are used, the PCLATH register must be saved at the beginning of the ISR and restored when the ISR is complete to ensure correct program flow. MOVWF W_TEMP ;Copy W to W_TEMP register SWAPF STATUS,W ;Swap status to be saved into W ;Swaps are used because they do not affect the status bits BANKSELSTATUS_TEMP ;Select regardless of current bank MOVWF STATUS_TEMP ;Copy status to bank zero STATUS_TEMP register MOVF PCLATH,W ;Copy PCLATH to W register MOVWF PCLATH_TEMP ;Copy W register to PCLATH_TEMP : :(ISR) ;Insert user code here : BANKSELSTATUS_TEMP ;Select regardless of current bank MOVF PCLATH_TEMP,W; MOVWF PCLATH ;Restore PCLATH SWAPF STATUS_TEMP,W ;Swap STATUS_TEMP register into W ;(sets bank to original state) MOVWF STATUS ;Move W into STATUS register SWAPF W_TEMP,F ;Swap W_TEMP SWAPF W_TEMP,W ;Swap W_TEMP into W |