| データシートサーチシステム |
|
MCP6401RT-E/SN データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6401RT-E/SN データシート(HTML) 3 Page - Microchip Technology |
|
3 / 38 page ![]() © 2010 Microchip Technology Inc. DS22229B-page 3 MCP6401/1R/1U/2/4 1.0 ELECTRICAL CHARACTERISTICS 1.1 Absolute Maximum Ratings † VDD – VSS ........................................................................7.0V Current at Input Pins .....................................................±2 mA Analog Inputs (VIN+, VIN-)†† .......... VSS – 1.0V to VDD + 1.0V All Other Inputs and Outputs ......... VSS – 0.3V to VDD + 0.3V Difference Input Voltage ...................................... |VDD – VSS| Output Short-Circuit Current ................................ Continuous Current at Output and Supply Pins ............................±30 mA Storage Temperature ....................................-65°C to +150°C Maximum Junction Temperature (TJ).......................... +150°C ESD Protection on All Pins (HBM; MM) ............... ≥ 4 kV; 300V † Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. †† See Section 4.1.2 “Input Voltage Limits” DC ELECTRICAL SPECIFICATIONS Electrical Characteristics: Unless otherwise indicated, V DD = +1.8V to +6.0V, VSS= GND, TA= +25°C, VCM = VDD/2, VOUT »VDD/2, VL = VDD/2 and RL = 100 kΩ to VL. (Refer to Figure 1-1). Parameters Sym Min Typ Max Units Conditions Input Offset Input Offset Voltage VOS -4.5 — +4.5 mV VCM = VSS Input Offset Drift with Temperature ΔV OS/ΔTA —±2.0 — µV/°C TA= -40°C to +125°C, VCM = VSS Power Supply Rejection Ratio PSRR 63 78 — dB VCM = VSS Input Bias Current and Impedance Input Bias Current IB — ±1.0 100 pA —30 — pA TA = +85°C —800 — pA TA = +125°C Input Offset Current IOS — ±1.0 — pA Common Mode Input Impedance ZCM —1013||6 — Ω||pF Differential Input Impedance ZDIFF —1013||6 — Ω||pF Common Mode Common Mode Input Voltage Range VCMR VSS-0.2 — VDD+0.2 V VDD = 1.8V, Note 1 VSS-0.3 — VDD+0.3 V VDD = 6.0V, Note 1 Common Mode Rejection Ratio CMRR 56 71 — dB VCM = -0.2V to 2.0V, VDD = 1.8V 63 78 — dB VCM = -0.3V to 6.3V, VDD = 6.0V Open-Loop Gain DC Open-Loop Gain (Large Signal) AOL 90 110 — dB VOUT = 0.3V to VDD-0.3V VCM = VSS Output Maximum Output Voltage Swing VOL, VOH VSS+20 — VDD–20 mV VDD = 6.0V, RL = 10 kΩ 0.5V input overdrive Output Short-Circuit Current ISC —±5 — mA VDD = 1.8V —±15 — mA VDD = 6.0V Power Supply Supply Voltage VDD 1.8 — 6.0 V Quiescent Current per Amplifier IQ 20 45 70 µA IO = 0, VDD = 5.0V VCM = 0.2VDD Note 1: Figure 2-11 shows how VCMR changes across temperature. |