| データシートサーチシステム |
|
PIC16LF720-I/ML データシート(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-I/ML データシート(HTML) 64 Page - Microchip Technology |
|
64 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 64 2010 Microchip Technology Inc. 6.3.2 RC0/AN4 Figure 6-11 shows the diagram for this pin. The RC0 pin is configurable to function as one of the following: • general purpose I/O • analog input for the A/D 6.3.3 RC1/AN5 Figure 6-11 shows the diagram for this pin. The RC1 pin is configurable to function as one of the following: • general purpose I/O • analog input for the A/D 6.3.4 RC2/AN6 Figure 6-12 shows the diagram for this pin. The RC2 pin is configurable to function as one of the following: • general purpose I/O • analog input for the A/D 6.3.5 RC3/AN7 Figure 6-12 shows the diagram for this pin. The RC3 pin is configurable to function as one of the following: • general purpose I/O • analog input for the A/D 6.3.6 RC4 Figure 6-13 shows the diagram for this pin. The RC4 pin functions as one of the following: • general purpose I/O 6.3.7 RC5/CCP1 Figure 6-14 shows the diagram for this pin. The RC5 pin is configurable to function as one of the following: • general purpose I/O • Capture, Compare or PWM (1 output) 6.3.8 RC6/AN8/SS Figure 6-15 shows the diagram for this pin. The RC6 pin is configurable to function as one of the following: • general purpose I/O • analog input for the A/D •SS input to SSP 6.3.9 RC7/AN9/SDO Figure 6-16 shows the diagram for this pin. The RC7 pin is configurable to function as one of the following: • general purpose I/O • analog input for the A/D • SDO output of SSP FIGURE 6-11: BLOCK DIAGRAM OF RC0 AND RC1 FIGURE 6-12: BLOCK DIAGRAM OF RC2 AND RC3 VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter RD PORTC Analog Input mode(1) Note 1: ANSEL determines Analog Input mode. I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC RD PORTC Analog Input mode(1) Note 1: ANSEL determines Analog Input mode. I/O Pin To A/D Converter |