| データシートサーチシステム |
|
PIC16LF720-I/SS データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-I/SS データシート(HTML) 18 Page - Microchip Technology |
|
18 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 18 2010 Microchip Technology Inc. Bank 1 80h( 2) INDF Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx xxxx xxxx 81h OPTION_ REG RABPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 1111 1111 82h( 2) PCL Program Counter (PC) Least Significant Byte 0000 0000 0000 0000 83h( 2) STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 000q quuu 84h( 2) FSR Indirect Data Memory Address Pointer xxxx xxxx uuuu uuuu 85h(5) TRISA — — TRISA5 TRISA4 Note 4 TRISA2 TRISA1 TRISA0 --11 -111 --11 -111 86h TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 1111 ---- 87h TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 88h — Unimplemented — — 89h — Unimplemented — — 8Ah( 1),( 2) PCLATH — — — Write Buffer for the upper 5 bits of the Program Counter ---0 0000 ---0 0000 8Bh( 2) INTCON GIE PEIE TMR0IE INTE RABIE TMR0IF INTF RABIF 0000 000x 0000 000x 8Ch PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 8Dh — Unimplemented — — 8Eh PCON — — — — — —POR BOR ---- --qq ---- --uu 8Fh T1GCON TMR1GE T1GPOL T1GTM T1GSPM T1GGO/ DONE T1GVAL T1GSS1 T1GSS0 0000 0x00 uuuu uxuu 90h OSCCON — — IRCF1 IRCF0 ICSL ICSS — — --10 qq-- --10 qq-- 91h OSCTUNE — — TUN5 TUN4 TUN3 TUN2 TUN1 TUN0 --00 0000 --uu uuuu 92h PR2 Timer2 module Period Register 1111 1111 1111 1111 93h SSPADD ADD<7:0> 0000 0000 0000 0000 93h( 3) SSPMSK MSK<7:0> 1111 1111 1111 1111 94h SSPSTAT SMP CKE D/A PS R/W UA BF 0000 0000 0000 0000 95h WPUA — — WPUA5 WPUA4 WPUA3 WPUA2 WPUA1 WPUA0 --11 1111 --11 1111 96h IOCA — — IOCA5 IOCA4 IOCA3 IOCA2 IOCA1 IOCA0 --00 0000 --00 0000 97h — Unimplemented — — 98h TXSTA CSRC TX9 TXEN SYNC — BRGH TRMT TX9D 0000 -010 0000 -010 99h SPBRG BRG7 BRG6 BRG5 BRG4 BRG3 BRG2 BRG1 BRG0 0000 0000 0000 0000 9Ah — Unimplemented — — 9Bh — Unimplemented — — 9Ch — Unimplemented — — 9Dh FVRCON FVRRDY FVREN TSEN TSRNG — — ADFVR1 ADFVR0 q000 --00 q000 --00 9Eh — Unimplemented — — 9Fh ADCON1 — ADCS2 ADCS1 ADCS0 — — — — -000 ---- -000 ---- TABLE 2-1: SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations are unimplemented, read as ‘0’. Note 1: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are transferred to the upper byte of the program counter. 2: These registers can be addressed from any bank. 3: Accessible only when SSPM<3:0> = 1001. 4: This bit is unimplemented and reads as ‘1’. 5: See Register 6-2. |