| データシートサーチシステム |
|
PIC18LF46K22-E/P データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF46K22-E/P データシート(HTML) 39 Page - Microchip Technology |
|
39 / 496 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412C-page 39 PIC18(L)F2X/4XK22 2.6 PLL Frequency Multiplier A Phase Locked Loop (PLL) circuit is provided as an option for users who wish to use a lower frequency oscillator circuit or to clock the device up to its highest rated frequency from the crystal oscillator. This may be useful for customers who are concerned with EMI due to high-frequency crystals or users who require higher clock speeds from an internal oscillator. 2.6.1 PLL IN EXTERNAL OSCILLATOR MODES The PLL can be enabled for any of the external oscillator modes using the OSC1/OSC2 pins by either setting the PLLCFG bit (CONFIG1H<4>), or setting the PLLEN bit (OSCTUNE<6>). The PLL is designed for input frequencies of 4 MHz up to 16 MHz. The PLL then multiplies the oscillator output frequency by 4 to produce an internal clock frequency up to 64 MHz. Oscillator frequencies below 4 MHz should not be used with the PLL. 2.6.2 PLL IN HFINTOSC MODES The 4x frequency multiplier can be used with the internal oscillator block to produce faster device clock speeds than are normally possible with the internal oscillator. When enabled, the PLL multiplies the HFINTOSC by 4 to produce clock rates up to 64 MHz. Unlike external clock modes, the PLL can only be controlled through software. The PLLEN control bit of the OSCTUNE register is used to enable or disable the PLL operation when the HFINTOSC is used. |