| データシートサーチシステム |
|
16F1829 データシート(PDF) 124 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1829 データシート(HTML) 124 Page - Microchip Technology |
|
124 / 420 page ![]() PIC16F/LF1825/1829 DS41440A-page 124 Preliminary 2010 Microchip Technology Inc. 12.1 Alternate Pin Function The Alternate Pin Function Control 0 (APFCON0) and Alternate Pin Function Control 1 (APFCON1) registers are used to steer specific peripheral input and output functions between different pins. The APFCON0 and APFCON1 registers are shown in Register 12-1 and Register 12-2. For this device family, the following functions can be moved between different pins. • RX/DT/TX/CK •SDO •SS (Slave Select) •T1G • P1B/P1C/P1D/P2B • CCP1/P1A/CCP2 These bits have no effect on the values of any TRIS register. PORT and TRIS overrides will be routed to the correct pin. The unselected pin will be unaffected. |