| データシートサーチシステム |
|
MSM22DPST データシート(PDF) 5 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
MSM22DPST データシート(HTML) 5 Page - Schurter Inc. |
|
5 / 17 page ![]() SCHURTER GmbH D – 79346 Endingen www.schurter.com Point Illumination Attention: Parts are delivered without series resistor. Characteristics red LED Point Illumination Forward Current max. 40 mA Forward Voltage at 10 mA = 2.0 VDC Forward Voltage max. = 2.5 VDC Characteristics green LED Point Illumination Forward Current max. 40 mA Forward Voltage at 10 mA = 2.0 VDC Forward Voltage max. = 2.5 VDC Characteristics blue LED Point Illumination Forward Current max. 20 mA Forward Voltage at 10 mA = 3.2 VDC Forward Voltage max. = 3.7 VDC Recommendation of series resistors for Point Illumination: Material Component Material Housing Stainless Steel Actuator Stainless Steel Light Conductor (Point Illumination) PC Illuminated Ring (Ring Illumination) PA Gasket NBR70 Switcher Collet PA Intermediate Connector non-illuminated PA Intermediate Connector illuminated PA Switcher Adapter PA Changes that contribute to technical improvement are subject to alternations Seite Erstelldatum: Ersteller: Änderungsdatum: Geändert von: Änderungs-Nr. Datenblatt Nr. Index 5 of 17 07.03.2008 Schillak Schöchlin 9701 105.9534 a Print date: 28/03/2008 08:31:00 |