| データシートサーチシステム |
|
LMP8602 データシート(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMP8602 データシート(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 24 page ![]() BATTERY CURRENT MONITOR APPLICATION This application example shows how the LMP8602/ LMP8603 can be used to monitor the current flowing in and out a battery pack. The fact that the LMP8602/LMP8603 can measure small voltages at a high offset voltage outside the parts own supply range makes this part a very good choice for such applications. If the load current of the battery is higher then the charging current, the output voltage of the LMP8602/LMP8603 will be above the “half offset voltage” for a net current flowing out of the battery. When the charging current is higher then the load current the output will be below this “half offset voltage”. 30083454 FIGURE 11. Battery Current Monitor Application 21 www.national.com |