データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATSAM3S2BA-MU データシート(PDF) 14 Page - ATMEL Corporation

部品番号 ATSAM3S2BA-MU
部品情報  AT91 ARM Cortex M3-based Processor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2BA-MU データシート(HTML) 14 Page - ATMEL Corporation

Back Button ATSAM3S2BA-MU Datasheet HTML 10Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 11Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 12Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 13Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 14Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 15Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 16Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 17Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
14
6500AS–ATARM–11-Dec-09
SAM3S Summary
4.2.1
64-Lead LQFP and QFN Pinout
64-pin version SAM3S devices are pin-to-pin compatible with AT91SAM7S legacy products.
Furthermore, SAM3S products have new functionalities shown in italic in Table 4-3.
Note:
The bottom pad of the QFN package must be connected to ground.
Table 4-3.
64-pin SAM3S4/2/1B Pinout
1
ADVREF
17
GND
33
TDI/PB4
49
TDO/TRACESWO/PB5
2
GND
18
VDDIO
34
PA6/PGMNOE
50
JTAGSEL
3
PB0/AD4
19
PA16/PGMD4
35
PA5/PGMRDY
51
TMS/SWDIO/PB6
4
PB1/AD5
20
PA15/PGMD3
36
PA4/PGMNCMD
52
PA31
5
PB2/AD6
21
PA14/PGMD2
37
PA27/PGMD15
53
TCK/SWCLK/PB7
6
PB3/AD7
22
PA13/PGMD1
38
PA28
54
VDDCORE
7
VDDIN
23
PA24/PGMD12
39
NRST
55
ERASE/PB12
8
VDDOUT
24
VDDCORE
40
TST
56
DDM/PB10
9
PA17/PGMD5/
AD0
25
PA25/PGMD13
41
PA29
57
DDP/PB11
10
PA18/PGMD6/
AD1
26
PA26/PGMD14
42
PA30
58
VDDIO
11
PA21/PGMD9/
AD8
27
PA12/PGMD0
43
PA3
59
PB13/DAC0
12
VDDCORE
28
PA11/PGMM3
44
PA2/PGMEN2
60
GND
13
PA19/PGMD7/
AD2
29
PA10/PGMM2
45
VDDIO
61
XOUT/PB8
14
PA22/PGMD10/
AD9
30
PA9/PGMM1
46
GND
62
XIN/PGMCK/PB9
15
PA23/PGMD11
31
PA8/XOUT32/
PGMM0
47
PA1/PGMEN1
63
PB14/DAC1
16
PA20/PGMD8/
AD3
32
PA7/XIN32/
PGMNVALID
48
PA0/PGMEN0
64
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65