| データシートサーチシステム |
|
M16C/57 データシート(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/57 データシート(HTML) 15 Page - Renesas Technology Corp |
|
15 / 159 page ![]() REJ03B0267-0101 Rev.1.01 Page 15 of 156 Jul 23, 2010 M16C/5M Group, M16C/57 Group 1. Overview 1.5 Pin Assignments Figure 1.6 shows the pin assignments for the 100-pin package, Figure 1.7 shows the pin assignments for the 80-pin package, and Figure 1.8 shows the pin assignments for the 64-pin package. Figure 1.6 Pin Assignments for 100-Pin Package (Top View) Set bits PACR2 to PACR0 in the PACR register to 100b before signals are input or output to individual pins after reset. When the PACR register is not set, signals are not input or output for some of the pins. 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 P0_0 / AN0_0 P0_1 / AN0_1 P0_2 / AN0_2 P0_3 / AN0_3 P0_4 / AN0_4 P0_5 / AN0_5 P0_6 / AN0_6 P0_7 / AN0_7 P1_0 / AN2_0 P1_1 / AN2_1 P1_2 / AN2_2 VREF AVSS AVCC P10_0 / AN_0 P10_1 / AN_1 P10_2 / AN_2 P10_3 / AN_3 P9_5 / CLK4 / CRX0 (1) / AN2_5 P9_6 / TXD4 / CTX0 (1) / AN2_6 P9_7 / RXD4 / AN2_7 P10_7 / AN_7 / KI3 P10_6 / AN_6 / KI2 P10_5 / AN_5 / KI1 P10_4 / AN_4 / KI0 P4_2 P4_3 P5_6 P5_5 P5_4 P5_3 P5_2 P5_7 P6_3 / TXD0 P6_5 / CLK1 P6_6 / RXD1 P6_7 / TXD1 P6_1 / CLK0 P6_2 / RXD0 P6_0 / RTCOUT / CTS0 / RTS0 P6_4 / CTS1 / RTS1 P5_0 P5_1 P7_2 / CLK2 / TA1OUT / V / RXD1 P7_1 / RXD2 / SCL2 / CLK1 / TA0IN / TB5IN P7_0 / TXD2 / SDA2 / CTS1 / RTS1 / TA0OUT P4_5 P4_4 P4_6 P4_7 Note: 1. Pins CTX0, CRX0, CTX1, and CRX1 are only available in the M16C/5M Group. PLQP0100KB-A (100P6Q-A) (Top view) M16C/5M Group M16C/57 Group |